Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BU508DF Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # BU508DF
Description  SILICON DIFFUSED POWER TRANSISTORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BU508DF Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  BU508DF Datasheet HTML 1Page - List of Unclassifed Manufacturers BU508DF Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
*
COMSET SEMICONDUCTORS
2/2
ELECTRICAL CHARACTERISTICS
TC=25°C unless otherwise noted
Symbol
Ratings
Test Condition(s)
Min Typ Mx Unit
VCE= VCESM= 1500 V , VBE= 0
--
1
ICES
Collector Cutoff Current
VCE= VCESM= 1500 V , VBE= 0 ,Tj =125°C
--
2
mA
VCE0(SUS)
Collector-Emitter
Sustaining Voltage
IC=0.1A , IB=0, L=25mH
700
-
-
V
IEBO
Emitter Cutoff Current
VEB=6.0 V, IC=0
--
10
mA
VCE(SAT)
Collector-Emitter
saturation Voltage
IC=4.5A , IB=2 A
--
1.0
VBE(SAT)
Base-Emitter saturation
Voltage
IC=4.5 A , IB=2 A
--
1.3
V
VF
Forward Voltage
IF=4.5 A
-1.6
2
V
HFE
DC Current Gain
IC=100 mA , VCE=5.0 V
513
30
-
fT
Transition frequency
VCE=5 V , IC=0.1 A, f=5MHz
-7
-
MHz
Cc
Collector capacitance
IE= ie= 0, VCB=10 V, f=1 MHz
-
125
-
pF
ts
Storage Time
-
6.5
-
tf
Fall Time
-VIM= 4V, LB= 6µH
IC=ICsat, IB= 1.4A(-dIB/dt= 0.6A/µs)
-0.7
-
µs
MECHANICAL DATA CASE SOT199
Information furnished is believed to be accurate and reliable. However, CS assumes no responsability
for the consequences of use of such information nor for errors that could appear.
Data are subject to change without notice.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com