Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BU508DF Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # BU508DF
Description  SILICON DIFFUSED POWER TRANSISTORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BU508DF Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  BU508DF Datasheet HTML 1Page - List of Unclassifed Manufacturers BU508DF Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
*
COMSET SEMICONDUCTORS
1/2
NPN BU508DF
The BU508DF is NPN transistors in a fully isolated SOT199 envelope (with integrated efficiency diode for
the BU508DF).
They are a high voltage, high speed switching and they are intended for use in horizontal deflexion
circuits of colour television receivers.
ABSOLUTE MAXIMUM RATINGS
Symbol
Ratings
Value
Unit
VCEO
Collector-Emitter Voltage
IB = 0
700
V
VCESM
Collector-Emitter Voltage
VBE = 0
1500
V
IC
Collector Current
8A
ICM
Collector Peak Current
15
A
IB
Base Current
4A
ICsat
Collector Current saturation
4.5
A
IBM
Base Peak Current
6A
Pt
Total Power Dissipation
@ TC = 25°
34
Watts
TJ
Junction Temperature
150
°C
TStg
Storage Temperature
-65 to +150
°C
THERMAL CHARACTERISTICS
Symbol
Ratings
Value
Unit
RthJ-mb
Thermal Resistance, Junction to Mounting Base
1.0
K/W
RthJ-h
Thermal Resistance, Junction to Hexternal Heatsink
3.7
K/W
RthJ-h
Thermal Resistance, Junction to Hexternal Heatsink
2.8
K/W
RthJ-a
Thermal Resistance, Junction to Ambient
35
K/W
ISOLATION
Symbol
Ratings
Value
Unit
VISOL
Isolation Voltage from all terminals to external
heatsink (peak value)
1500
V
CISOL
Isolation capacitance from collector to external
heatsink
Typ.
21
pF
S
SIIL
LIIC
CO
ON
N D
DIIF
FF
FU
US
SE
ED
D P
PO
OW
WE
ER
R T
TR
RA
AN
NS
SIIS
ST
TO
OR
RS
S


Similar Part No. - BU508DF

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BU508DF PHILIPS-BU508DF Datasheet
55Kb / 7P
Silicon Diffused Power Transistor
July 1998 Rev 1.200
logo
Wing Shing Computer Com...
BU508DF WINGS-BU508DF Datasheet
141Kb / 1P
SILICON DIFFUSED POWER TRANSISTOR(GENERAL DESCRIPTION)
logo
Continental Device Indi...
BU508DF CDIL-BU508DF Datasheet
40Kb / 3P
NPN POWER TRANSISTORS
logo
TRANSYS Electronics Lim...
BU508DF TEL-BU508DF Datasheet
59Kb / 2P
NPN POWER TRANSISTORS
logo
Savantic, Inc.
BU508DF SAVANTIC-BU508DF Datasheet
119Kb / 3P
Silicon NPN Power Transistors
More results

Similar Description - BU508DF

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BU505 PHILIPS-BU505 Datasheet
74Kb / 12P
Silicon diffused power transistors
1997 Aug 13
BU505F PHILIPS-BU505F Datasheet
81Kb / 12P
Silicon diffused power transistors
1997 Aug 13
BU506F PHILIPS-BU506F Datasheet
83Kb / 12P
Silicon diffused power transistors
1997 Aug 14
BUT12 PHILIPS-BUT12 Datasheet
100Kb / 12P
Silicon diffused power transistors
1997 Aug 13
BUT12F PHILIPS-BUT12F Datasheet
78Kb / 12P
Silicon diffused power transistors
1997 Aug 13
BUW11F PHILIPS-BUW11F Datasheet
88Kb / 12P
Silicon diffused power transistors
1997 Aug 14
BUW11W PHILIPS-BUW11W Datasheet
79Kb / 12P
Silicon diffused power transistors
1997 Aug 14
BUW12F PHILIPS-BUW12F Datasheet
81Kb / 12P
Silicon diffused power transistors
1997 Aug 14
BUX84 PHILIPS-BUX84 Datasheet
94Kb / 12P
Silicon diffused power transistors
1997 Aug 13
BUX46 PHILIPS-BUX46 Datasheet
331Kb / 7P
SILICON DIFFUSED POWER TRANSISTORS
July 1988
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com