Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP80C88 Datasheet(PDF) 13 Page - Intersil Corporation

Part # IP80C88
Description  CMOS 8/16-Bit Microprocessor
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

IP80C88 Datasheet(HTML) 13 Page - Intersil Corporation

Back Button IP80C88 Datasheet HTML 9Page - Intersil Corporation IP80C88 Datasheet HTML 10Page - Intersil Corporation IP80C88 Datasheet HTML 11Page - Intersil Corporation IP80C88 Datasheet HTML 12Page - Intersil Corporation IP80C88 Datasheet HTML 13Page - Intersil Corporation IP80C88 Datasheet HTML 14Page - Intersil Corporation IP80C88 Datasheet HTML 15Page - Intersil Corporation IP80C88 Datasheet HTML 16Page - Intersil Corporation IP80C88 Datasheet HTML 17Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
13
Basic System Timing
In minimum mode, the MN/MX pin is strapped to VCC and
the processor emits bus control signals (RD, WR, IO/M, etc.)
directly. In maximum mode, the MN/MX pin is strapped to
GND and the processor emits coded status information
which
the
82C88
bus
controller
uses
to
generate
MULTIBUS
 compatible bus control signals.
System Timing - Minimum System
The read cycle begins in T1 with the assertion of the address
latch enable (ALE) signal (see Figure 5). The trailing (low
going) edge of this signal is used to latch the address
information, which is valid on the address data bus (ADO-
AD7) at this time, into the 82C82/82C83 latch. Address lines
A8 through A15 do not need to be latched because they
remain valid throughout the bus cycle. From T1 to T4 the
IO/M signal indicates a memory or I/O operation. At T2 the
address is removed from the address data bus and the bus
is held at the last valid logic state by internal bus-hold
devices. The read control signal is also asserted at T2. The
read (RD) signal causes the addressed device to enable its
data bus drivers to the local bus. Some time later, valid data
will be available on the bus and the addressed device will
drive the READY line HIGH. When the processor returns the
read signal to a HIGH level, the addressed device will again
three-state its bus drivers. If a transceiver (82C86/82C87) is
required to buffer the local bus, signals DT/R and DEN are
provided by the 80C88.
A write cycle also begins with the assertion of ALE and the
emission of the address. The IO/M signal is again asserted
to indicate a memory or I/O write operation. In T2, immedi-
ately following the address emission, the processor emits the
data to be written into the addressed location. This data
remains valid until at least the middle of T4. During T2, T3,
and Tw, the processor asserts the write control signal. The
write (WR) signal becomes active at the beginning of T2, as
opposed to the read, which is delayed somewhat into T2 to
provide time for output drivers to become inactive.
The basic difference between the interrupt acknowledge
cycle and a read cycle is that the interrupt acknowledge
(INTA) signal is asserted in place of the read (RD) signal and
the address bus is held at the last valid logic state by internal
bus-hold devices (see Figure 6). In the second of two
successive INTA cycles, a byte of information is read from
the data bus, as supplied by the interrupt system logic (i.e.,
82C59A priority interrupt controller). This byte identifies the
source (type) of the interrupt. It is multiplied by four and used
as a pointer into the interrupt vector lookup table, as
described earlier.
Bus Timing - Medium Complexity Systems
For medium complexity systems, the MN/MX pin is
connected to GND and the 82C88 bus controller is added to
the system, as well as an 82C82/82C83 latch for latching the
system address, and an 82C86/82C87 transceiver to allow
for bus loading greater than the 80C88 is capable of
handling (see Figure 8). Signals ALE, DEN, and DT/R are
generated by the 82C88 instead of the processor in this
configuration, although their timing remains relatively the
same. The 80C88 status outputs (S2, S1 and S0) provide
type of cycle information and become 82C88 inputs. This
bus cycle information specifies read (code, data or I/O), write
(data or I/O), interrupt acknowledge, or software halt. The
82C88 thus issues control signals specifying memory read
or write, I/O read or write, or interrupt acknowledge. The
82C88 provides two types of write strobes, normal and
advanced, to be applied as required. The normal write
strobes have data valid at the leading edge of write. The
advanced write strobes have the same timing as read
strobes, and hence, data is not valid at the leading edge of
write. The 82C86/82C87 transceiver receives the usual T
and OE inputs from the 82C88 DT/R and DEN outputs.
The pointer into the interrupt vector table, which is passed
during the second INTA cycle, can derive from an 82C59A
located on either the local bus or the system bus. If the
master 82C59A priority interrupt controller is positioned on
the local bus, the 82C86/82C87 transceiver must be disabled
when reading from the master 82C59A during the interrupt
acknowledge sequence and software “poll”.
The 80C88 Compared to the 80C86
The 80C88 CPU is a 8-bit processor designed around the
8086 internal structure. Most internal functions of the 80C88
are identical to the equivalent 80C86 functions. The 80C88
handles the external bus the same way the 80C86 does with
the distinction of handling only 8-bits at a time. Sixteen-bit
operands are fetched or written in two consecutive bus
cycles. Both processors will appear identical to the software
engineer, with the exception of execution time. The internal
register structure is identical and all instructions have the
same end result. Internally, there are three differences
between the 80C88 and the 80C86. All changes are related
to the 8-bit bus interface.
• The queue length is 4 bytes in the 80C88, whereas the
80C86 queue contains 6 bytes, or three words. The queue
was shortened to prevent overuse of the bus by the BIU
when prefetching instructions. This was required because
of the additional time necessary to fetch instructions 8-bits
at a time.
• To further optimize the queue, the prefetching algorithm
was changed. The 80C88 BIU will fetch a new instruction
to load into the queue each time there is a 1 byte space
available in the queue. The 80C86 waits until a 2 byte
space is available.
• The internal execution time of the instruction set is
affected by the 8-bit interface. All 16-bit fetches and writes
from/to memory take an additional four clock cycles. The
CPU is also limited by the speed of instruction fetches.
This latter problem only occurs when a series of simple
operations occur. When the more sophisticated instruc-
tions of the 80C88 are being used, the queue has time to
fill the execution proceeds as fast as the execution unit will
allow.
80C88
MULTIBUS
 is a patented Intel bus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com