Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP80C88 Datasheet(PDF) 23 Page - Intersil Corporation

Part # IP80C88
Description  CMOS 8/16-Bit Microprocessor
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

IP80C88 Datasheet(HTML) 23 Page - Intersil Corporation

Back Button IP80C88 Datasheet HTML 19Page - Intersil Corporation IP80C88 Datasheet HTML 20Page - Intersil Corporation IP80C88 Datasheet HTML 21Page - Intersil Corporation IP80C88 Datasheet HTML 22Page - Intersil Corporation IP80C88 Datasheet HTML 23Page - Intersil Corporation IP80C88 Datasheet HTML 24Page - Intersil Corporation IP80C88 Datasheet HTML 25Page - Intersil Corporation IP80C88 Datasheet HTML 26Page - Intersil Corporation IP80C88 Datasheet HTML 27Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
23
FIGURE 25. BUS TIMING - MAXIMUM MODE SYSTEM (USING 82C88) (Continued)
NOTES:
22. Signals at 82C84A or 82C86 are shown for reference only.
23. The issuance of the 82C88 command and control signals (MRDC, MWTC, AMWC, IORC, IOWC, AIOWC, INTA and DEN) lags the active
high 82C88 CEN.
24. Status inactive in state just prior to T4.
25. Cascade address is valid between first and second INTA cycles.
26. Two INTA cycles run back-to-back. The 80C88 local ADDR/DATA bus is floating during both INTA cycles. Control for pointer address is
shown for second INTA cycle.
Waveforms (Continued)
T1
T2
T3
T4
TW
TCLSH
(SEE NOTE 24)
TCLDX2
TCLDV
TCLAX
TCLMH
(18) TCLML
TCHDTH
(19) TCLMH
TCVNX
TCLAV
TCHSV
TCLSH
CLK
S2, S1, S0 (EXCEPT HALT)
WRITE CYCLE
AD7-AD0
DEN
AMWC OR AIOWC
MWTC OR IOWC
82C88
OUTPUTS
SEE NOTES 22, 23
INTA CYCLE
A15-A8
(SEE NOTES 25, 26)
AD7-AD0
MCE/PDEN
DT/R
INTA
DEN
82C88 OUTPUTS
SEE NOTES 22, 23, 25
RESERVED FOR
CASCADE ADDR
(25) TCLAZ
(28) TSVMCH
(30) TCLMCH
TCVNV
SOFTWARE
HALT - RD, MRDC, IORC, MWTC, AMWC, IOWC, AIOWC, INTA, S0, S1 = VOH
(18) TCLML
TCLMH (19)
TCLDX1 (7)
(18)TCLML
POINTER
INVALID ADDRESS
AD7-AD0
S2, S1, S0
TCHDTL
TCHSV (21)
(34)
(22)
(33)
(24)
DATA
TCVNX (36)
(19)
(6)
TDVCL
TCLMCL
(32)
(41)
(42)
(35)
(36)
(23)
(21)
(22)
TCLAV (23)
TCVNV
(35)
A15-A8
80C88



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com