Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD45335KBCZ Datasheet(PDF) 7 Page - Analog Devices

Part # AD45335KBCZ
Description  32-Channel, 14-Bit DAC with Full-Scale Output Voltage Programmable from 50 V to 200 V
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD45335KBCZ Datasheet(HTML) 7 Page - Analog Devices

Back Button AD45335KBCZ Datasheet HTML 3Page - Analog Devices AD45335KBCZ Datasheet HTML 4Page - Analog Devices AD45335KBCZ Datasheet HTML 5Page - Analog Devices AD45335KBCZ Datasheet HTML 6Page - Analog Devices AD45335KBCZ Datasheet HTML 7Page - Analog Devices AD45335KBCZ Datasheet HTML 8Page - Analog Devices AD45335KBCZ Datasheet HTML 9Page - Analog Devices AD45335KBCZ Datasheet HTML 10Page - Analog Devices AD45335KBCZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Data Sheet
AD45335
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
analog.com
Rev. 0 | 7 of 16
Figure 3. Pin Configuration
Table 6. Pin Function Descriptions
Pin No.
Mnemonic
Description
A1
NC
No Connect. Do not connect to these pins.
A2
VOUT1
Analog Output Voltages from the 32 Channels.
A4
VOUT7
Analog Output Voltages from the 32 Channels.
A6
VOUT11
Analog Output Voltages from the 32 Channels.
A8
VOUT16
Analog Output Voltages from the 32 Channels.
A10
VOUT20
Analog Output Voltages from the 32 Channels.
A12
VOUT25
Analog Output Voltages from the 32 Channels.
A14
NC
No Connect. Do not connect to these pins.
B1
VOUT0
Analog Output Voltages from the 32 Channels.
B3
VOUT4
Analog Output Voltages from the 32 Channels.
B5
VOUT9
Analog Output Voltages from the 32 Channels.
B7
VOUT13
Analog Output Voltages from the 32 Channels.
B9
VOUT17
Analog Output Voltages from the 32 Channels.
B11
VOUT21
Analog Output Voltages from the 32 Channels.
B13
VOUT26
Analog Output Voltages from the 32 Channels.
C2
VOUT3
Analog Output Voltages from the 32 Channels.
C12
VOUT22
Analog Output Voltages from the 32 Channels.
C14
VOUT29
Analog Output Voltages from the 32 Channels.
D1
VOUT2
Analog Output Voltages from the 32 Channels.
D13
VOUT23
Analog Output Voltages from the 32 Channels.
E2
VOUT5
Analog Output Voltages from the 32 Channels.
E4
VOUT8
Analog Output Voltages from the 32 Channels.
E6
VOUT12
Analog Output Voltages from the 32 Channels.
E8
VOUT15
Analog Output Voltages from the 32 Channels.
E10
VOUT19
Analog Output Voltages from the 32 Channels.
E12
VOUT24
Analog Output Voltages from the 32 Channels.
E14
VOUT31
Analog Output Voltages from the 32 Channels.
F3
VOUT6
Analog Output Voltages from the 32 Channels.
F5
VOUT10
Analog Output Voltages from the 32 Channels.
F7
VOUT14
Analog Output Voltages from the 32 Channels.
F9
VOUT18
Analog Output Voltages from the 32 Channels.
F13
VOUT30
Analog Output Voltages from the 32 Channels.
G14
VOUT28
Analog Output Voltages from the 32 Channels.
H1, H2
VPP
Output Amplifier High Voltage Supply.
H4 to H11
AGND
Analog GND Pins.
H13
VOUT27
Analog Output Voltages from the 32 Channels.
J3 to J12
AGND
Analog GND Pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com