Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD45335KBCZ Datasheet(PDF) 13 Page - Analog Devices

Part # AD45335KBCZ
Description  32-Channel, 14-Bit DAC with Full-Scale Output Voltage Programmable from 50 V to 200 V
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD45335KBCZ Datasheet(HTML) 13 Page - Analog Devices

Back Button AD45335KBCZ Datasheet HTML 8Page - Analog Devices AD45335KBCZ Datasheet HTML 9Page - Analog Devices AD45335KBCZ Datasheet HTML 10Page - Analog Devices AD45335KBCZ Datasheet HTML 11Page - Analog Devices AD45335KBCZ Datasheet HTML 12Page - Analog Devices AD45335KBCZ Datasheet HTML 13Page - Analog Devices AD45335KBCZ Datasheet HTML 14Page - Analog Devices AD45335KBCZ Datasheet HTML 15Page - Analog Devices AD45335KBCZ Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Data Sheet
AD45335
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 13 of 16
MEMS MIRROR CONTROL APPLICATION
The AD45335 is targeted to all optical switching control systems
based on MEMS technology. The AD45335 is a 32-channel, 14-bit
DAC with integrated high voltage amplifiers. The output amplifiers
are capable of generating an output range of 0 V to 200 V when us-
ing a 4 V reference. The full-scale output voltage is programmable
from 50 V to 200 V using reference voltages from 1 V to 4 V. Each
amplifier can output 150 µA sourcing current and directly drives the
control actuators, which determine the position of MEMS mirrors in
optical switch applications.
The AD45335 is generally used in a closed-loop feedback system,
as shown in Figure 17, with a high resolution analog-to-digital
converter (ADC) and DSP. The exact position of each mirror is
measured using capacitive sensors. The sensor outputs are multi-
plexed using an ADG739 4-to-1 multiplexer (MUX) to an 8-channel,
14-bit ADC (AD7856). An alternative solution is to multiplex using a
32-to-1 multiplexer (ADG732) into a single-channel ADC (AD7671).
With 14-bit monotonic behavior and a 0 V to 200 V output range,
coupled with its fast serial interface, the AD45335 is ideally suited
for controlling a cluster of MEMS-based mirrors.
Figure 17. AD45335 in a MEMS-Based Optical Switch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com