Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L292 Datasheet(PDF) 4 Page - STMicroelectronics

Part # L292
Description  SWITCH-MODE DRIVER FOR DC MOTORS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L292 Datasheet(HTML) 4 Page - STMicroelectronics

  L292 Datasheet HTML 1Page - STMicroelectronics L292 Datasheet HTML 2Page - STMicroelectronics L292 Datasheet HTML 3Page - STMicroelectronics L292 Datasheet HTML 4Page - STMicroelectronics L292 Datasheet HTML 5Page - STMicroelectronics L292 Datasheet HTML 6Page - STMicroelectronics L292 Datasheet HTML 7Page - STMicroelectronics L292 Datasheet HTML 8Page - STMicroelectronics L292 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
L292
4/13
The system operates in two modes to achieve high speed, high-accurancy positioning.
Speed commands for the system originate in the microprocessor. It is continuosly updated on the motor
position by means of pulses from the L290 tachometer chip, whitch in tur gets its information from the op-
tical encoder. From this basic input, the microprocessor computes a 5-bit control word that sets the system
speed dependent on the distance to travel.
When the motor is stopped and the microprocessor orders it to a new positio, the system operates initially
in an open-loop configuration as there is no feedback from the tachometer generator. A maximum speed
is reached, the tachometer chip output backs off the processor signal thus reducing accel-ering torque.
The motor continues to run at rop speed but under closed-loop control.
As the target position is approached, the microprocessor lowers the value of the speed-demand word; this
reduces the voltage at the main summing point, in effect braking the motor. The braking is applied pro-
gressively until the motor is running at minimum speed.
optical encoder which generates two sinusoidal signals 90° out of phase (leading according to the motor
direction) and proportional in frequency to the speed of rotation. The optical encoder also provides an out-
put at one position on the disk which is used to set the initial position.
The opto encoder signals, FTA and FTB are filtered by the networks R2C2 and R3 C3 (referring to Fig.4)
and are supplied to the FTA/FTB inputs on the L290. The main function on the L290 is to implement the
following expression:
Output signal (TACHO) =
Output signal (TACHO) = dVAB · FTA - dVAA · FTBdt | FTA | dt | FTB | Thus the mean value of TACHO
is proportional to the rotation speed and its polarity indicates the direction of rotation.
The above function is performed by amplifying the input signals in A1 and A2 to obtain VAA and VAB (typ.7
Vp). From VAA and VAB the external differen-tiatior RC networks R5 C6 and R4 C4 give the signals VMA and
VMB which are fed to the multipliers.
The second input to each multipler consists of the sign of the first input of the other multiplier before dif-
ferentiation, these are obtained using the comparators Cs1 and Cs2. The multiplier outputs, CSA and CSB,
are summed by A3 to give the final output signal TACHO. The peak-topeak ripple signal of the TACHO
can be found from the following expression:
Vripple p - p =
· Vthaco DC
The max value of TACHO is:
Vtacho max =
· Vthaco DC
Using the coparators C1 and C2 another two signals from VAA and VAB are derived - the logic signals STA
and STB.
This signals are used by the microprocessor to determine the position by counting the pulses. The L2910
internal reference voltage is also derived from VAA and VAB:
Vref= | VAA | + | VAB |
This reference is used by the D/A converter in the L291 to compensate for variations in input levels, tem-
perature changes and ageing.
The "one pulse per rotation" opto encoder output is connected to pin 12 of the L290 (FTF) where it is
squared to give the STF logic output for the microprocessor.
The TACHO signal and Vref are sent to the L291 via filter networks R8 C8 R9 and R6 C7 R7 respectively.
dV
AB
dt
--------------
FTA
FTA
---------------
dV
AA
dt
--------------
FTB
FTB
---------------
⋅
–
⋅
π
4
---
21
–
()
π
4
--- 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com