Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L292 Datasheet(PDF) 5 Page - STMicroelectronics

Part # L292
Description  SWITCH-MODE DRIVER FOR DC MOTORS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L292 Datasheet(HTML) 5 Page - STMicroelectronics

  L292 Datasheet HTML 1Page - STMicroelectronics L292 Datasheet HTML 2Page - STMicroelectronics L292 Datasheet HTML 3Page - STMicroelectronics L292 Datasheet HTML 4Page - STMicroelectronics L292 Datasheet HTML 5Page - STMicroelectronics L292 Datasheet HTML 6Page - STMicroelectronics L292 Datasheet HTML 7Page - STMicroelectronics L292 Datasheet HTML 8Page - STMicroelectronics L292 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5/13
L292
Pin 12 of this chip is the main summing point of the system where TACHO and the D/A converter output
are compared.
The input to D/A converter consists of 5 bit word plus a sign bit supplied by the microprocessor. The sign
bit represets the direction of motor rotation. The (analogue) output of the D/A conveter -DAC/OUT - is com-
pared with the TACHO signal and the risulting error signal is amplified by the error amplifier, and subse-
quently appears on pin 1. The ERRV sognal (from pin 1 , L291) is fed to pin 6 of the final chip, the L292
H-bridge motor-driver. This input signals is bidirectional so it must be converted to a positive signal ba-
cause the L292 uses a single supply voltage. This is accomplished by the first stage - the level shifter,
which uses an internally generated 8 V reference.
This same reference voltage supplies the triangle wave oscillator whose frequency is fixed by the external
RC network (R20, C17 - pins 11 and 10) where:
(with R
≥ 8.2kΩ)
The oscillator determines the switching frequency of the output stage and should be in the range 1 to 30
KHz.
Motor current is regulated by an internal loop in the L292 which is performed by the resistors R18, R19
and the differential current sense amplifier, the output of which is filtered by an external RC network and
fed back to the error amplifier.
The choise of the external components in these RC network (pins 5, 7, 9) is determined by the motor type
and the bandwidth requirements. The values shown in the diagram are for a 5
Ω, 5 MH motor. (See L292
Transfer Function Calculation in Application Information).
The error signal obtained by the addition of the input and the current feedback signals (pin 7) is used to
pulse width modulate the oscillator signal by means of the comparator. The pulse width modulated signal
controls the duty cycle of the Hbridge to give an output current corresponding to the L292 input signal.
The interval between one side of the bridge switching off and the other switching on, t, is programmed by
C17 in conjuction with an internal resistor Rt. This can be foud from:
τ = Rτ · Cpin10. (C17 in the diagram)
Since R
τ is approximately 1.5 KΩ and the recommended t to avoid simultaneous conduction is 2.5µs Cpin
10 should be around 1.5 nF.
The current sense resistors R18 and R19 should be high precision types (maximum tolerance ± 2 %) and
the recommended value is given by:
Rmax· Io max ≤ 0.44V
It is possible to synchronize two L292 ’s, if desired, using the network shown in fig. 2.
Finally, two enable inputs are provited on the L292 (pins 12 and 13-active low and high respectively). Thus
the output stage may be inhibited by taking pin 12 high or by taking pin 13 low. The output will also be
inhibited if the supply voltage falls below 18V.
The enable inputs were implemented in this way because they are intended to be driven directly by a mi-
croprocessor. Currently available microprocessors may generates spikes as high as 1.5V during power-
up. These inputs may be used for a variety of applications such as motor inhibit during reset of the logical
system and power-on reset (see fig. 3).
1f
osc
1
2RC
------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com