Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS82C54Z Datasheet(PDF) 3 Page - Intersil Corporation

Part # CS82C54Z
Description  CMOS Programmable Intervel Timer
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CS82C54Z Datasheet(HTML) 3 Page - Intersil Corporation

  CS82C54Z Datasheet HTML 1Page - Intersil Corporation CS82C54Z Datasheet HTML 2Page - Intersil Corporation CS82C54Z Datasheet HTML 3Page - Intersil Corporation CS82C54Z Datasheet HTML 4Page - Intersil Corporation CS82C54Z Datasheet HTML 5Page - Intersil Corporation CS82C54Z Datasheet HTML 6Page - Intersil Corporation CS82C54Z Datasheet HTML 7Page - Intersil Corporation CS82C54Z Datasheet HTML 8Page - Intersil Corporation CS82C54Z Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
3
82C54
Absolute Maximum Ratings
Thermal Information
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +8.0V
Input, Output or I/O Voltage . . . . . . . . . . . . GND-0.5V to VCC +0.5V
ESD Classification . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Class 1
Operating Conditions
Operating Voltage Range. . . . . . . . . . . . . . . . . . . . . . +4.5V to +5.5V
Operating Temperature Range
CX82C54 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0oC to +70oC
IX82C54 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40oC to +85oC
MD82C54 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55oC to +125oC
Thermal Resistance (Typical)
θ
JA (
oC/W)
θ
JC (
oC/W)
CERDIP Package. . . . . . . . . . . . . . . . .
55
12
CLCC Package. . . . . . . . . . . . . . . . . . .
65
14
PDIP Package*. . . . . . . . . . . . . . . . . . .
55
N/A
PLCC Package. . . . . . . . . . . . . . . . . . .
60
N/A
Storage Temperature Range . . . . . . . . . . . . . . . . . -65oC to +150oC
Maximum Junction Temperature Ceramic Package. . . . . . . .+175oC
Maximum Junction Temperature Plastic Package . . . . . . . . .+150oC
Maximum Lead Temperature Package (Soldering 10s) . . . . .+300oC
(PLCC - Lead Tips Only)
*Pb-free PDIPs can be used for through hole wave solder
processing only. They are not intended for use in Reflow solder
processing applications.
Die Characteristics
Gate Count . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .2250 Gates
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
DC Electrical Specifications
VCC = +5.0V ± 10%, Includes all Temperature Ranges
SYMBOL
PARAMETER
MIN
MAX
UNITS
TEST CONDITIONS
VIH
Logical One Input Voltage
2.0
-
V
CX82C54, IX82C54
2.2
-
V
MD82C54
VIL
Logical Zero Input Voltage
-
0.8
V
-
VOH
Output HIGH Voltage
3.0
-
V
IOH = -2.5mA
VCC -0.4
-
V
IOH = -100
µA
VOL
Output LOW Voltage
-
0.4
V
IOL = +2.5mA
II
Input Leakage Current
-1
+1
µA
VIN = GND or VCC
DIP Pins 9,11,14-16,18-23
IO
Output Leakage Current
-10
+10
µA
VOUT = GND or VCC
DIP Pins 1-8
ICCSB
Standby Power Supply Current
-
10
µAV
CC = 5.5V, VIN = GND or VCC,
Outputs Open, Counters
Programmed
ICCOP
Operating Power Supply Current
-
10
mA
VCC = 5.5V,
CLK0 = CLK1 = CLK2 = 8MHz,
VIN = GND or VCC,
Outputs Open
Capacitance
TA = +25
oC; All Measurements Referenced to Device GND, Note 1
SYMBOL
PARAMETER
TYP
UNITS
TEST CONDITIONS
CIN
Input Capacitance
20
pF
FREQ = 1MHz
COUT
Output Capacitance
20
pF
FREQ = 1MHz
CI/O
I/O Capacitance
20
pF
FREQ = 1MHz
NOTE:
1. Not tested, but characterized at initial design and at major process/design changes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com