Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS82C54Z Datasheet(PDF) 18 Page - Intersil Corporation

Part # CS82C54Z
Description  CMOS Programmable Intervel Timer
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CS82C54Z Datasheet(HTML) 18 Page - Intersil Corporation

Back Button CS82C54Z Datasheet HTML 14Page - Intersil Corporation CS82C54Z Datasheet HTML 15Page - Intersil Corporation CS82C54Z Datasheet HTML 16Page - Intersil Corporation CS82C54Z Datasheet HTML 17Page - Intersil Corporation CS82C54Z Datasheet HTML 18Page - Intersil Corporation CS82C54Z Datasheet HTML 19Page - Intersil Corporation CS82C54Z Datasheet HTML 20Page - Intersil Corporation CS82C54Z Datasheet HTML 21Page - Intersil Corporation CS82C54Z Datasheet HTML 22Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
18
Die Characteristics
DIE DIMENSIONS:
129mils x 155mils x 19mils
(3270
µm x 3940µm x 483µm)
METALLIZATION:
Type: Si-Al-Cu
Thickness: Metal 1: 8kÅ ± 0.75kÅ
Metal 2: 12kÅ ± 1.0kÅ
GLASSIVATION:
Type: Nitrox
Thickness: 10kÅ ± 3.0kÅ
Metallization Mask Layout
82C54
CS
A1
A0
CLK2
OUT2
GATE2
D4
D3
D2
D1
D0
CLK0
D5
D6
D7
VCC
WR
RD
OUT0
GATE0
GND
OUT1
GATE1
CLK1
82C54



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com