Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP393N Datasheet(PDF) 13 Page - Diodes Incorporated

Part # AP393N
Description  LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP393N Datasheet(HTML) 13 Page - Diodes Incorporated

Back Button AP393N Datasheet HTML 7Page - Diodes Incorporated AP393N Datasheet HTML 8Page - Diodes Incorporated AP393N Datasheet HTML 9Page - Diodes Incorporated AP393N Datasheet HTML 10Page - Diodes Incorporated AP393N Datasheet HTML 11Page - Diodes Incorporated AP393N Datasheet HTML 12Page - Diodes Incorporated AP393N Datasheet HTML 13Page - Diodes Incorporated AP393N Datasheet HTML 14Page - Diodes Incorporated AP393N Datasheet HTML 15Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
AP393
LOW POWER LOW OFFSET VOLTAGE DUAL
COMPARATORS
AP393 Rev. 3
13 of 15
FEBRUARY 2007
www.diodes.com
© Diodes Incorporated
Marking Information
(1) SOP-8L
AP393
(Top view)
Y W
Part Number
Logo
WW: Xth week:01~52
YY: Year
X
Blank : Standard
L : Lead-Free
G : Green
Y
W X
Internal Code
: " 01 " = 2001
02 " = 2002
SOP - 8 L
(2) PDIP-8L
AP393
(Top view)
Y W
Part Number
Logo
WW: Xth week:01~52
YY: Year
X
Blank : Standard
L : Lead Free
Y
W X
Internal Code
: " 01 " = 2001
02 " = 2002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com