Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP393N Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AP393N
Description  LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP393N Datasheet(HTML) 3 Page - Diodes Incorporated

  AP393N Datasheet HTML 1Page - Diodes Incorporated AP393N Datasheet HTML 2Page - Diodes Incorporated AP393N Datasheet HTML 3Page - Diodes Incorporated AP393N Datasheet HTML 4Page - Diodes Incorporated AP393N Datasheet HTML 5Page - Diodes Incorporated AP393N Datasheet HTML 6Page - Diodes Incorporated AP393N Datasheet HTML 7Page - Diodes Incorporated AP393N Datasheet HTML 8Page - Diodes Incorporated AP393N Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
AP393
LOW POWER LOW OFFSET VOLTAGE DUAL
COMPARATORS
AP393 Rev. 3
3 of 15
FEBRUARY 2007
www.diodes.com
© Diodes Incorporated
Block Diagram
INVERTING INPUT 1
GND
NON-INVERTING INPUT 1
OUTPUT 2
OUTPUT 1
INVERTING INPUT 2
NON-INVERTING INPUT 2
1
2
3
4
5
6
7
8
AB
+
-+
-
V +
V+
100µA
3.5µA
100µA
3.5µA
+INPUT
-INPUT
OUTPUT
Q1
Q2
Q3
Q4
Q5
Q6
Q7
Q8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com