Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP78L12S Datasheet(PDF) 6 Page - Diodes Incorporated

Part # AP78L12S
Description  12V OUTPUT 3-TERMINAL POSITIVE REGULATORS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP78L12S Datasheet(HTML) 6 Page - Diodes Incorporated

  AP78L12S Datasheet HTML 1Page - Diodes Incorporated AP78L12S Datasheet HTML 2Page - Diodes Incorporated AP78L12S Datasheet HTML 3Page - Diodes Incorporated AP78L12S Datasheet HTML 4Page - Diodes Incorporated AP78L12S Datasheet HTML 5Page - Diodes Incorporated AP78L12S Datasheet HTML 6Page - Diodes Incorporated AP78L12S Datasheet HTML 7Page - Diodes Incorporated AP78L12S Datasheet HTML 8Page - Diodes Incorporated AP78L12S Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
AP78L12
12.0V OUTPUT 3-TERMINAL POSITIVE REGULATORS
AP78L12 Rev. 1
6 of 9
APRIL 2007
www.diodes.com
© Diodes Incorporated
Typical Application Circuit
AP78L12
C1*
0.33uF
Fixed Output regulator
INPUT
IN
OUT
OUTPUT
C2
0.1uF
GND
★:
Required if the regulator is located more than 3" from the power supply filter.
Function Description
Introduction
The AP78L12 fixed-mode 12V output voltage regulator is a three terminal device. The AP78L12 fixed voltage regulator series has built-in
thermal overload protection which prevents the device from being damaged due to excessive junction temperature. The regulators also
contain internal short-circuit protection which limits the maximum output current, and safe-area protection for the pass transistor which
reduces the short-circuit current as the voltage across the pass transistor is increased.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com