Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP78L12S Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AP78L12S
Description  12V OUTPUT 3-TERMINAL POSITIVE REGULATORS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP78L12S Datasheet(HTML) 3 Page - Diodes Incorporated

  AP78L12S Datasheet HTML 1Page - Diodes Incorporated AP78L12S Datasheet HTML 2Page - Diodes Incorporated AP78L12S Datasheet HTML 3Page - Diodes Incorporated AP78L12S Datasheet HTML 4Page - Diodes Incorporated AP78L12S Datasheet HTML 5Page - Diodes Incorporated AP78L12S Datasheet HTML 6Page - Diodes Incorporated AP78L12S Datasheet HTML 7Page - Diodes Incorporated AP78L12S Datasheet HTML 8Page - Diodes Incorporated AP78L12S Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
AP78L12
12.0V OUTPUT 3-TERMINAL POSITIVE REGULATORS
AP78L12 Rev. 1
3 of 9
APRIL 2007
www.diodes.com
© Diodes Incorporated
Pin Descriptions
Absolute Maximum Ratings
Symbol
Parameter
Rating
Unit
VCC
Supply Voltage
+30
V
VOUT
Output Voltage to Ground
12
V
TST
Storage Temperature
-65 to +150
oC
TOP
Operating Junction Temperature
-20 to 125
oC
TMJ
Maximum Junction Temperature
150
oC
Name
Description
VIN
Operating Voltage Input
VOUT
Voltage Output Pin
GND
Ground
NC
No Connection



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com