Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RI-RFM-003B Datasheet(PDF) 2 Page - Texas Instruments

Part # RI-RFM-003B
Description  SERIES 2000 MINI RADIO FREQUENCY MODULE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

RI-RFM-003B Datasheet(HTML) 2 Page - Texas Instruments

  RI-RFM-003B Datasheet HTML 1Page - Texas Instruments RI-RFM-003B Datasheet HTML 2Page - Texas Instruments RI-RFM-003B Datasheet HTML 3Page - Texas Instruments RI-RFM-003B Datasheet HTML 4Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
(1)
RECOMMENDED OPERATING CONDITIONS
OPERATING CHARACTERISTICS
RI-RFM-003B
SCBS849 – NOVEMBER 2002
over operating free-air temperature range (unless otherwise noted)
RI-RFM-003B
UNIT
Operating Temperature
0 to +50
°C
Storage Temperature
–25 to +85
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
over operating free-air temperature range (unless otherwise noted)
RI-RFM-003B
Logic Part:
4.75 to 5.25 VDC, regulated; max. 80mA
Power Supply
TX Power Stage:
4.50 to 6.00 VDC, regulated; max. 1.2A
(depending on the repetition rate and antenna used)
over operating free-air temperature range (unless otherwise noted)
PART NUMBER
PARAMETER
UNIT
RI-RFM-003B
Relative Humidity
<97% non-condensing, IEC 68-2-30 Test Db, 21 cycles
RF Transmit Frequency
134.2
kHz
Antenna Specification
Inductivity: 115 to 117
µH
Q: min. 200
Ferrite Stick Antenna RI-ANT-P02A
Inductivity: 115 to 117
µH; Q: min. 200
Antenna Recommended
or
Inductivity: 116.5 to 119
µH; Q: min. 100
Air Coil Antenna
Antenna Resonance Voltage
max. 240 V peak
Transponder Types
134.2 kHz HDX / FSK
Dimensions
(60.2
× 55.1 × 11.5 ) ± 1.0
mm
Weight
approx. 40
g
Drop Test
1 m on concrete, 3 axes, mounted in moulded aluminum case
Vibration Test
2 g, 5-500 Hz, displacement 15 mm, 1 oct / min, 3 axes, 3 hrs / axis
11-06-29-030 (SCBU021) Reference
S2000 Mini RF Module RI-RFM-003B
Reference Documentation
Guide
S2000 Antennas RI-ANT-P02A
11-08-22-003 (SCBS845) Data Sheet
Approvals
CE; FCC
2
Submit Documentation Feedback



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com