Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RI-RFM-003B Datasheet(PDF) 1 Page - Texas Instruments

Part # RI-RFM-003B
Description  SERIES 2000 MINI RADIO FREQUENCY MODULE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

RI-RFM-003B Datasheet(HTML) 1 Page - Texas Instruments

  RI-RFM-003B Datasheet HTML 1Page - Texas Instruments RI-RFM-003B Datasheet HTML 2Page - Texas Instruments RI-RFM-003B Datasheet HTML 3Page - Texas Instruments RI-RFM-003B Datasheet HTML 4Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.ti.com
FEATURES
APPLICATIONS
DESCRIPTION
RI-RFM-003B
SCBS849 – NOVEMBER 2002
SERIES 2000 MINI RADIO FREQUENCY MODULE
• Access Control
• Best In Class Performance Through Patented
HDX Technology
• Vehicle Identification
• Container Tracking
• Reduced Power Output For Handheld And
Medium Read/Write Range Applications
• Asset Management
• Waste Management
• Proven In Harsh Industrial Environments
• Best Value
• Easy To Install And Use
The Texas Instruments low-frequency (LF) reader module provides all the functionality required to communicate
with Texas Instruments 134.2 kHz LF transponders which are available in a variety of form factors. The
RI-RFM-003B radio frequency power (RFM) module is capable driving a variety of antennas with inductance
ranges from 115µH to 117µH including TI standard RI-ANT-P02A stick antenna.
The RI-RFM-007 is designed to be connected to control module RI-CTL-MB2A (RS232 interface) or
RI-CTL-MB6A (RS422/485 interface) which provides the interface to a host system, power supply connectors
and additional I/O’s. The RI-RFM-003B module in combination with a control module is well suited for usage in a
broad range of applications including, but not limited to, access control, vehicle identification, container tracking,
asset management and waste management applications.
The Series 2000 Mini Radio Frequency Module is the interface between a 134.2 kHz HDX/FSK transponder and
the Data Processing Unit.
It sends an energizing signal to the transponder, modulates the RF signal to send data to the transponder,
receives the identification signal and processes it for digital decoding. The small size and low supply voltage
make the Mini RF Module well suited for portable read/ write units.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2002, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - RI-RFM-003B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
RI-RFM-006A TI-RI-RFM-006A Datasheet
148Kb / 20P
TIRIS RF-Module IC for Automotive
RI-RFM-006A-00 TI-RI-RFM-006A-00 Datasheet
148Kb / 20P
TIRIS RF-Module IC for Automotive
RI-RFM-007 TI-RI-RFM-007 Datasheet
137Kb / 5P
HIGH PERFORMANCE LF RADIO FREQUENCY MODULE
RI-RFM-007B TI-RI-RFM-007B Datasheet
137Kb / 5P
HIGH PERFORMANCE LF RADIO FREQUENCY MODULE
RI-RFM-007B-00 TI-RI-RFM-007B-00 Datasheet
137Kb / 5P
HIGH PERFORMANCE LF RADIO FREQUENCY MODULE
More results

Similar Description - RI-RFM-003B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGB110 PHILIPS-BGB110 Datasheet
141Kb / 17P
Bluetooth radio module
2000 Oct 03
logo
List of Unclassifed Man...
W7020 ETC1-W7020 Datasheet
324Kb / 36P
Bluetooth Radio Module
logo
Texas Instruments
RI-CTL-MB2A TI-RI-CTL-MB2A Datasheet
106Kb / 4P
SERIES 2000 CONTROL MODULE
RI-RFM-007 TI-RI-RFM-007 Datasheet
137Kb / 5P
HIGH PERFORMANCE LF RADIO FREQUENCY MODULE
logo
List of Unclassifed Man...
PTM230 ETC2-PTM230 Datasheet
118Kb / 1P
Radio transmitter module
logo
RFHIC
RFC042 RFHIC-RFC042 Datasheet
383Kb / 5P
Mobile Radio Mini Amplifier
logo
Tyco Electronics
PM07507-E MACOM-PM07507-E Datasheet
1Mb / 16P
RFID (Radio Frequency Identification)
647334 MACOM-647334 Datasheet
46Kb / 1P
TERMINAL, MINI AMP-IN 2000
logo
RFHIC
RFC042 RFHIC-RFC042_14 Datasheet
358Kb / 6P
Mobile Radio Mini Amplifier
RFC042 RFHIC-RFC042_17 Datasheet
1Mb / 6P
Mobile Radio Mini Amplifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com