Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP1121 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP1121
Description  DUAL 1A LOW DROPOUT POSITIVE REGULATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1121 Datasheet(HTML) 2 Page - Diodes Incorporated

  AP1121 Datasheet HTML 1Page - Diodes Incorporated AP1121 Datasheet HTML 2Page - Diodes Incorporated AP1121 Datasheet HTML 3Page - Diodes Incorporated AP1121 Datasheet HTML 4Page - Diodes Incorporated AP1121 Datasheet HTML 5Page - Diodes Incorporated AP1121 Datasheet HTML 6Page - Diodes Incorporated AP1121 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
AP1121
DUAL 1A LOW DROPOUT POSITIVE REGULATOR
AP1121 Rev. 4
2 of 7
FEBRUARY 2007
www.diodes.com
© Diodes Incorporated
AP1121
7
5
4
3
2
1
6
GND
V
IN1
V
OUT1
V
IN2
(Top View)
8
V
OUT2
GND
GND
GND
NAME
Descriptions
GND
Ground
3.3V(VOUT1)
2.5V/1.8V
(VOUT2)
The output of the regulator. A minimum of
10uF capacitor (0.15Ω ≤ ESR ≤ 20Ω) must
be connected from this pin to ground to
insure stability.
VIN
The input pin of regulator. Typically a large
storage capacitor (0.15Ω ≤ ESR ≤ 20Ω) is
connected from this pin to ground.
Pin Assignments
Pin Descriptions



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com