Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP1121 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AP1121
Description  DUAL 1A LOW DROPOUT POSITIVE REGULATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1121 Datasheet(HTML) 3 Page - Diodes Incorporated

  AP1121 Datasheet HTML 1Page - Diodes Incorporated AP1121 Datasheet HTML 2Page - Diodes Incorporated AP1121 Datasheet HTML 3Page - Diodes Incorporated AP1121 Datasheet HTML 4Page - Diodes Incorporated AP1121 Datasheet HTML 5Page - Diodes Incorporated AP1121 Datasheet HTML 6Page - Diodes Incorporated AP1121 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
AP1121
DUAL 1A LOW DROPOUT POSITIVE REGULATOR
AP1121 Rev. 4
3 of 7
FEBRUARY 2007
www.diodes.com
© Diodes Incorporated
Block Diagram
2
Thermal
Shutdown
1
V
OUT1
1.25V
+
CURRENT
LIMIT
V
IN1
+
5/6
GND
3
Thermal
Shutdown
4
V
OUT2
1.25V
+
CURRENT
LIMIT
V
IN2
+
7/8
GND
+
+
Typical Application Circuit
5V
3.3V/1A
C2
100uF
V
IN1
V
OUT1
GND
V
IN2
C1
100uF
C3
100uF
2.5V/1A
V
OUT2
GND
GND
GND
(3.3V/2.5V Dual output )



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com