Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IO6LC Datasheet(PDF) 1 Page - Protek Devices

Part # IO6LC
Description  STEERING DIODE ARRAY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

IO6LC Datasheet(HTML) 1 Page - Protek Devices

  IO6LC Datasheet HTML 1Page - Protek Devices IO6LC Datasheet HTML 2Page - Protek Devices IO6LC Datasheet HTML 3Page - Protek Devices IO6LC Datasheet HTML 4Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
IO6LC
STEERING DIODE ARRAY
1
05137.R7 2/07
www.protekdevices.com
APPLICATIONS
✔ Notebook & Desktop Computers
✔ Set Top Box Interface
✔ Video Port Protection
✔ Handheld Electronics
✔ Personal Digital Assistant (PDA)
✔ Sensor Interface
IEC COMPATIBILITY (EN61000-4)
✔ 61000-4-2 (ESD): Air - 15kV, Contact - 8kV
✔ 61000-4-4 (EFT): 40A - 5/50ns
FEATURES
✔ ESD Protection > 40 kilovolts
✔ 350mW Continuous Power Dissipation
✔ Provides Six (6) Lines of Protection
✔ Low Leakage Current < 1.0µA
✔ Ultra Low Capacitance: 3pF Typical
✔ RoHS Compliant
MECHANICAL CHARACTERISTICS
✔ Molded JEDEC SO-8
✔ Weight 70 milligrams (Approximate)
✔ Available in Lead-Free Pure-Tin Plating(Annealed)
✔ Solder Reflow Temperature:
Pure-Tin - Sn, 100: 260-270°C
✔ Consult Factory for Leaded Device Availability
✔ Flammability Rating UL 94V-0
✔ 12mm Tape and Reel Per EIA Standard 481
✔ Marking: Part Number, Logo, Date Code & Pin One Defined By Dot on Top of Package
PIN CONFIGURATION
SO-8
1
2
4
8
3
5
6
7
I/O 6
V
P
I/O 5
I/O 4
I/O 1
I/O 2
V
N
I/O 3


Similar Part No. - IO6LC

ManufacturerPart #DatasheetDescription
logo
Protek Devices
IO6LC PROTEC-IO6LC Datasheet
81Kb / 4P
STEERING DIODE ARRAY
IO6LC PROTEC-IO6LC Datasheet
488Kb / 6P
ultra low capacitance steering diode array
IO6LC PROTEC-IO6LC_10 Datasheet
488Kb / 6P
ultra low capacitance steering diode array
IO6LC PROTEC-IO6LC_12 Datasheet
504Kb / 6P
ULTRA LOW CAPACITANCE STEERING DIODE ARRAY
More results

Similar Description - IO6LC

ManufacturerPart #DatasheetDescription
logo
Protek Devices
ET724 PROTEC-ET724 Datasheet
167Kb / 4P
STEERING DIODE ARRAY
ET723 PROTEC-ET723 Datasheet
206Kb / 4P
STEERING DIODE ARRAY
DALC112S1 PROTEC-DALC112S1 Datasheet
80Kb / 4P
STEERING DIODE ARRAY
IO6LC PROTEC-IO6LC Datasheet
81Kb / 4P
STEERING DIODE ARRAY
MMAD1108 PROTEC-MMAD1108 Datasheet
104Kb / 3P
STEERING DIODE ARRAY
USB002 PROTEC-USB002 Datasheet
59Kb / 3P
STEERING DIODE ARRAY
ET720 PROTEC-ET720_07 Datasheet
74Kb / 4P
STEERING DIODE ARRAY
ET723 PROTEC-ET723_07 Datasheet
79Kb / 4P
STEERING DIODE ARRAY
PMAD1108 PROTEC-PMAD1108_07 Datasheet
68Kb / 3P
STEERING DIODE ARRAY
SR70 PROTEC-SR70_06 Datasheet
75Kb / 3P
STEERING DIODE ARRAY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com