Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP1530S Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP1530S
Description  PWM CONTROL 3A STEP-DOWN CONVERTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1530S Datasheet(HTML) 1 Page - Diodes Incorporated

  AP1530S Datasheet HTML 1Page - Diodes Incorporated AP1530S Datasheet HTML 2Page - Diodes Incorporated AP1530S Datasheet HTML 3Page - Diodes Incorporated AP1530S Datasheet HTML 4Page - Diodes Incorporated AP1530S Datasheet HTML 5Page - Diodes Incorporated AP1530S Datasheet HTML 6Page - Diodes Incorporated AP1530S Datasheet HTML 7Page - Diodes Incorporated AP1530S Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
AP1530
PWM CONTROL 3A STEP-DOWN CONVERTER
AP1530 Rev. 1
1 of 8
MARCH 2007
www.diodes.com
© Diodes Incorporated
Lead-free
•
Input voltage: 3.6V to 18V
•
Output voltage: 0.8V to VCC.
•
Duty ratio: 0% to 100% PWM control
•
Oscillation frequency: 300KHz typ.
•
Soft-start, Current Limit, Enable function
•
Thermal Shutdown function
•
Built-in internal SW P-channel MOS
•
SOP-8L Pb-Free Package
•
Lead Free Finish/RoHS Compliant (Note 1)
AP1530 consists of step-down switching regulator with PWM control.
These devices include a reference voltage source, oscillation circuit,
error amplifier, internal PMOS.
AP1530 provides low-ripple power, high efficiency, and excellent
transient characteristics. The PWM control circuit is able to vary the
duty ratio linearly from 0 up to 100%. This converter also contains
an error amplifier circuit as well as a soft-start circuit that prevents
overshoot at startup. An enable function, an over current protect
function and a short circuit protect function are built inside, and
when OCP or SCP happens, the operation frequency will be
reduced from 300KHz to 30KHz. Also, an internal compensation
block is built in to minimum external component count.
With the addition of an internal P-channel Power MOS, a coil,
capacitors, and a diode connected externally, these ICs can function
as step-down switching regulators. They serve as ideal power
supply units for portable devices when coupled with the SOP–8L
mini-package, providing such outstanding features as low current
consumption. Since this converter can accommodate an input
voltage up to 18V, it is also suitable for the operation via an AC
adapter.
•
PC Motherboard
•
LCD Monitor
•
Graphic Card
•
DVD-Video Player
•
Telecom Equipment
•
ADSL Modem
•
Printer and other Peripheral Equipment
•
Microprocessor core supply
•
Networking power supply
Ordering Information
A P 1 5 3 0 X X X
Package
Packing
S : SOP-8L
Lead Free
L : Lead Free
-U : Tube
-13 : Taping
Note:
1. RoHS revision 13.2.2003. Glass and High Temperature Solder Exemptions Applied, see EU Directive Annex Notes 5 and 7.
Tube
13” Tape and Reel
Device
Package
Code
Packaging
(Note 2)
Quantity
Part Number
Suffix
Quantity
Part Number
Suffix
AP1530S
S
SOP-8L
100
-U
2500/Tape & Reel
-13
Note:
2. Pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at
http://www.diodes.com/datasheets/ap02001.pdf.
Features
General Description
Applications


Similar Part No. - AP1530S

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1530SG-13 DIODES-AP1530SG-13 Datasheet
259Kb / 12P
18V 3A 300KHz BUCK CONVERTER
Rev 7
AP1530SL-13 DIODES-AP1530SL-13 Datasheet
259Kb / 12P
18V 3A 300KHz BUCK CONVERTER
Rev 7
More results

Similar Description - AP1530S

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1537 ANACHIP-AP1537 Datasheet
201Kb / 7P
PWM Control 3A Step-Down Converter
Rev. 1. 3 May 09, 2006
logo
Diodes Incorporated
AP1580 DIODES-AP1580 Datasheet
327Kb / 9P
PWM CONTROL 3A STEP-DOWN CONVERTER
AP1580 Rev. 1
logo
Unisonic Technologies
P1786 UTC-P1786_09 Datasheet
252Kb / 8P
PWM CONTROL 3A STEP-DOWN CONVERTER
P1886 UTC-P1886 Datasheet
201Kb / 8P
PWM CONTROL 3A STEP-DOWN CONVERTER
P3586 UTC-P3586 Datasheet
347Kb / 6P
PWM CONTROL 3A STEP-DOWN CONVERTER
P34563 UTC-P34563 Datasheet
212Kb / 4P
PWM CONTROL 3A STEP-DOWN CONVERTER
P4596 UTC-P4596_15 Datasheet
226Kb / 4P
PWM CONTROL 3A STEP-DOWN CONVERTER
P34563 UTC-P34563_15 Datasheet
212Kb / 4P
PWM CONTROL 3A STEP-DOWN CONVERTER
P4596 UTC-P4596_16 Datasheet
141Kb / 4P
PWM CONTROL 3A STEP-DOWN CONVERTER
logo
Diodes Incorporated
AP1510 DIODES-AP1510_17 Datasheet
572Kb / 9P
PWM CONTROL 3A STEP-DOWN CONVERTER
Rev 8
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com