Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP1530S Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AP1530S
Description  PWM CONTROL 3A STEP-DOWN CONVERTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1530S Datasheet(HTML) 4 Page - Diodes Incorporated

  AP1530S Datasheet HTML 1Page - Diodes Incorporated AP1530S Datasheet HTML 2Page - Diodes Incorporated AP1530S Datasheet HTML 3Page - Diodes Incorporated AP1530S Datasheet HTML 4Page - Diodes Incorporated AP1530S Datasheet HTML 5Page - Diodes Incorporated AP1530S Datasheet HTML 6Page - Diodes Incorporated AP1530S Datasheet HTML 7Page - Diodes Incorporated AP1530S Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
AP1530
PWM CONTROL 3A STEP-DOWN CONVERTER
AP1530 Rev. 1
4 of 8
MARCH 2007
www.diodes.com
© Diodes Incorporated
Typical Application Circuit
AP1530
+
-
V
SS
EN
C
C
R
A
R
B
D1
PDS540
FB
Vcc
Output
CVcc
V
OUT
V
IN
R
OCSET
OCSET
C
OUT
C
IN
Optional
C
OCSET
C
EN
R
EN
Option
100K
Note: V
OUT = VFB x (1+RA/RB)
R
B=0.7K~5K ohm
L1
22uH
6.8K
1.3K
3K
0.1uF
+
-
C
0.1uF
470uF
680uF
0.1uF
VIN=12V, IMAX=3A
VOUT
2.5V
3.3V
5V
L1 Value
15uH
18uH
22uH



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com