Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP1701 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP1701
Description  3-PIN MICROPROCESSOR RESET CIRCUITS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1701 Datasheet(HTML) 2 Page - Diodes Incorporated

  AP1701 Datasheet HTML 1Page - Diodes Incorporated AP1701 Datasheet HTML 2Page - Diodes Incorporated AP1701 Datasheet HTML 3Page - Diodes Incorporated AP1701 Datasheet HTML 4Page - Diodes Incorporated AP1701 Datasheet HTML 5Page - Diodes Incorporated AP1701 Datasheet HTML 6Page - Diodes Incorporated AP1701 Datasheet HTML 7Page - Diodes Incorporated AP1701 Datasheet HTML 8Page - Diodes Incorporated AP1701 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
AP1701/2/3/4
3-PIN MICROPROCESSOR RESET CIRCUITS
AP1701/2/3/4 Rev. 2
2 of 9
FEBRUARY 2007
www.diodes.com
© Diodes Incorporated
(Top View)
1
2
GND
VCC
AP1703
AP1704
2
3
(RESET)
RESET
(Top View)
1
2
GND
(RESET)
VCC
AP1701
AP1702
2
3
RESET
SC59-3L
SC59-3L
Absolute Maximum Ratings
Symbol
Parameter
Rating
Unit
VCC
Terminal Voltage (with respect to GND)
-0.3 to +6.0
V
VRESET
RESET, RESET (push-pull)
-0.3 to (VCC + 0.3)
V
ICC
Input Current, VCC
20
mA
IO
Output Current, RESET, RESET
20
mA
PD
Continuous Power Dissipation (TA = +70°C),
de-rate 4mW/°C above +70°C
320
mW
TOP
Operating Junction Temperature Range
-40 to +105
°C
TST
Storage Temperature Range
-65 to +150
°C
Pin Assignments
Pin Descriptions
Name
Description
GND
Ground
RESET
(RESET)
Reset Output Pin
L: for AP1701/3
H: for AP1702/4
VCC
Operating Voltage Input



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com