Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP1701 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AP1701
Description  3-PIN MICROPROCESSOR RESET CIRCUITS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1701 Datasheet(HTML) 3 Page - Diodes Incorporated

  AP1701 Datasheet HTML 1Page - Diodes Incorporated AP1701 Datasheet HTML 2Page - Diodes Incorporated AP1701 Datasheet HTML 3Page - Diodes Incorporated AP1701 Datasheet HTML 4Page - Diodes Incorporated AP1701 Datasheet HTML 5Page - Diodes Incorporated AP1701 Datasheet HTML 6Page - Diodes Incorporated AP1701 Datasheet HTML 7Page - Diodes Incorporated AP1701 Datasheet HTML 8Page - Diodes Incorporated AP1701 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
AP1701/2/3/4
3-PIN MICROPROCESSOR RESET CIRCUITS
AP1701/2/3/4 Rev. 2
3 of 9
FEBRUARY 2007
www.diodes.com
© Diodes Incorporated
Electrical Characteristics
(TA = 25ºC)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
VCC
VCC Range
TA = 0
oC to +70oC
1.0
5.5
V
ICC
Supply Current
VTH + 1.0V
20
30
µA
AP1701/2/3/4A
4.54
4.63
4.72
AP1701/2/3/4B
4.29
4.38
4.47
AP1701/2/3/4C
3.92
4.00
4.08
AP1701/2/3/4D
3.02
3.08
3.14
AP1701/2/3/4E
2.87
2.93
2.99
AP1701/2/3/4F
2.57
2.63
2.68
Reset Threshold
TA = 25ºC
AP1701/2/3/4G
2.20
2.25
2.30
V
VTH
Reset Threshold
Tempco
30
ppm/
oC
TS
Set-up Time
VCC = 0 to (VTH – 100mV)
100
µs
TDELAY
Reset Active
Timeout Period
TA = 0
oC to +70oC
100
240
600
ms
VCC = VTH min, ISINK = 1.2mA, AP1701/3
0.3
VCC = VTH min, ISINK = 3.2mA
0.4
VOL
T
RESE
Output
Voltage Low
VCC > 1.0V, ISINK = 50uA
0.3
V
VCC > VTH max, ISOURCE = 500uA, AP1701/3
0.8VCC
VOH
T
RESE
Output
Voltage-High
VCC > VTH max, ISOURCE = 800uA
VCC –1.5
V
VCC = VTH max, ISINK = 1.2mA, AP1702/4
0.3
VOL
RESET Output
Voltage-Low
VCC = VTH max, ISINK = 3.2mA
0.4
V
VOH
RESET Output
Voltage-High
1.8V < VCC < VTH min, ISOURCE = 150uA,
AP1702/4
0.8 VCC
V
Typical Application Circuit
AP170X
GND
RESET
(RESET)
V
CC
Microprocessor
V
CC
GND
RESET
INPUT
V
CC
Cin
0.1uF



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com