Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP1084D Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AP1084D
Description  5A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1084D Datasheet(HTML) 3 Page - Diodes Incorporated

  AP1084D Datasheet HTML 1Page - Diodes Incorporated AP1084D Datasheet HTML 2Page - Diodes Incorporated AP1084D Datasheet HTML 3Page - Diodes Incorporated AP1084D Datasheet HTML 4Page - Diodes Incorporated AP1084D Datasheet HTML 5Page - Diodes Incorporated AP1084D Datasheet HTML 6Page - Diodes Incorporated AP1084D Datasheet HTML 7Page - Diodes Incorporated AP1084D Datasheet HTML 8Page - Diodes Incorporated AP1084D Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
AP1084
5A LOW DROPOUT POSITIVE ADJUSTABLE OR
FIXED-MODE REGULATOR
AP1084 Rev. 1
3 of 10
FEBRUARY 2007
www.diodes.com
© Diodes Incorporated
Function
Name
I/O
TO263/
252/220
Adj
(GND)
I
1
Adjustable (Ground only for fixed mode)
A resistor divider from this pin to the Vout pin and ground sets the
output voltage (Ground only for Fixed-Mode).
Vout
O
2
The output of the regulator. A minimum of 10uF (0.15Ω ≤ ESR ≤
20Ω) capacitor must be connected from this pin to ground to
insure stability.
Vin
I
3
The input pin of regulator. Typically a large storage capacitor
(0.15Ω ≤ ESR ≤ 20Ω) is connected from this pin to ground to insure
that the input voltage does not sag below the minimum dropout
voltage during the load transient response. This pin must always be
1.4V (1.3V) higher than Vout in order for the device to regulate
properly.
Absolute Maximum Ratings
Symbol
Parameter
Rating
Unit
Vin
DC Supply Voltage
-0.3 to 12
V
TST
Storage Temperature
-65 to +150
oC
TOP
Operating Junction Temperature Range
0 to +125
oC
TM
Maximum Junction Temperature
150
oC
Pin Description



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com