Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP1084D Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AP1084D
Description  5A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1084D Datasheet(HTML) 4 Page - Diodes Incorporated

  AP1084D Datasheet HTML 1Page - Diodes Incorporated AP1084D Datasheet HTML 2Page - Diodes Incorporated AP1084D Datasheet HTML 3Page - Diodes Incorporated AP1084D Datasheet HTML 4Page - Diodes Incorporated AP1084D Datasheet HTML 5Page - Diodes Incorporated AP1084D Datasheet HTML 6Page - Diodes Incorporated AP1084D Datasheet HTML 7Page - Diodes Incorporated AP1084D Datasheet HTML 8Page - Diodes Incorporated AP1084D Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
AP1084
5A LOW DROPOUT POSITIVE ADJUSTABLE OR
FIXED-MODE REGULATOR
AP1084 Rev. 1
4 of 10
FEBRUARY 2007
www.diodes.com
© Diodes Incorporated
Electrical Characteristics (Under Operating Conditions)
Sym.
Parameter
Conditions
Min.
Typ.
Max.
Unit
VREF
Reference Voltage Io = 10mA, TA = 25oC, (Vin-Vout) = 1.5V
1.225
1.250
1.275
V
AP1084-XXX
IO = 10mA, VOUT+1.5V<VIN<12V, TA = 25
oC
0.2
%
AP1084-1.5
IOUT = 10mA, TA = 25
oC, 3V≦V
IN≦12V
1.470
1.500
1.530
V
AP1084-1.8
IOUT = 10mA, TA = 25
oC, 3.3V≦V
IN≦12V
1.764
1.800
1.836
V
AP1084-2.5
IOUT = 10mA, TA = 25
oC, 4V≦V
IN≦12V
2.450
2.500
2.550
V
AP1084-3.3
IOUT = 10mA, TA = 25
oC, 4.8V≦V
IN≦12V
3.235
3.300
3.365
V
Line
Regula
tion
AP1084-5.0
IOUT = 10mA, TA = 25
oC, 6.5V≦V
IN≦12V
4.900
5.000
5.100
V
AP1084-Adj
VIN = 3.3V, 0mA<Io<5A, TA = 25
oC
C
1
%
AP1084-1.5
VIN = 3V, 0mA<Io<5A, TA = 25
oC
(Note 4, 5)
12
15
mV
AP1084-1.8
VIN = 3.3V, 0mA<Io<5A
TA = 25
oC (Note 4, 5)
15
18
mV
AP1084-2.5
VIN = 4V, 0mA < Io < 5A
TA = 25
oC (Note 4, 5)
20
25
mV
AP1084-3.3
VIN = 5V, 0mA < Io < 5A, TA = 25
oC
(Note 4, 5)
26
33
mV
Load
Regula
tion
AP1084-5.0
VIN = 8V, 0mA < Io < 5A, TA = 25
oC
(Note 4, 5)
40
50
mV
∆Vo
Dropout Voltage
Io = 5.0A (∆Vout = 1% Vout)
1.3
1.4
V
Current Limit
Vin-Vout = 5V
5.1
A
Minimum Load
Current
5
10
mA
Temperature
Stability
Io = 10mA
0.5
%
θJA
Thermal Resistance
Junction-to-Ambient
(No heat sink; No
air flow)
TO252-3L
TO263-3L
TO220-3L
98
95
83
OC/W
θJC
Thermal Resistance
Junction-to-Case
TO252-3L: Control Circuitry/Power Transistor
TO263-3L: Control Circuitry/Power Transistor
TO220-3L: Control Circuitry/Power Transistor
10
19
13
OC/W
Note:
4. See thermal regulation specifications for changes in output voltage due to heating effects. Line and load regulation are measured at a constant
junction temperature by low duty cycle pulse testing. Load regulation is measured at the output lead = 1/18” from the package.
5. Line and load regulation are guaranteed up to the maximum power dissipation of 15W. Power dissipation is determined by the difference between
input and output and the output current. Guaranteed maximum power dissipation will not be available over the full input/output range.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com