Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS32K Datasheet(PDF) 3 Page - Intersil Corporation

Part # HCS32K
Description  Radiation Hardened Quad 2-Input OR Gate
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HCS32K Datasheet(HTML) 3 Page - Intersil Corporation

  HCS32K Datasheet HTML 1Page - Intersil Corporation HCS32K Datasheet HTML 2Page - Intersil Corporation HCS32K Datasheet HTML 3Page - Intersil Corporation HCS32K Datasheet HTML 4Page - Intersil Corporation HCS32K Datasheet HTML 5Page - Intersil Corporation HCS32K Datasheet HTML 6Page - Intersil Corporation HCS32K Datasheet HTML 7Page - Intersil Corporation HCS32K Datasheet HTML 8Page - Intersil Corporation HCS32K Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
FN3057.1
April 11, 2007
Absolute Maximum Ratings
Thermal Information
Supply Voltage (VCC) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +7.0V
Input Voltage Range, All Inputs . . . . . . . . . . . . . -0.5V to VCC +0.5V
DC Input Current, Any One Input. . . . . . . . . . . . . . . . . . . . . . ±10mA
DC Drain Current, Any One Output . . . . . . . . . . . . . . . . . . . . ±25mA
(All Voltage Reference to the VSS Terminal)
Storage Temperature Range (TSTG). . . . . . . . . . . .-65°C to +150°C
Lead Temperature (Soldering 10sec). . . . . . . . . . . . . . . . . . . +265°C
Junction Temperature (TJ) . . . . . . . . . . . . . . . . . . . . . . . . . . . +175°C
ESD Classification . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Class 1
Operating Conditions
Supply Voltage (VCC) . . . . . . . . . . . . . . . . . . . . . . . . +4.5V to +5.5V
Input Rise and Fall Times at VCC = 4.5V (TR, TF) . . . 100ns/V Max
Operating Temperature Range (TA). . . . . . . . . . . . .-55°C to +125°C
Input Low Voltage (VIL) . . . . . . . . . . . . . . . . . . . 0.0V to 30% of VCC
Input High Voltage (VIH) . . . . . . . . . . . . . . . . . .70% of VCC to VCC
Thermal Resistance (Notes 1, 2)
θJA
θJC
SBDIP Package . . . . . . . . . . . . . . . . .
74°C/W
24°C/W
Ceramic Flatpack Package . . . . . . . . .
116°C/W
30°C/W
Maximum Package Power Dissipation at +125°C Ambient
SBDIP Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.68W
Ceramic Flatpack Package . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.43W
If device power exceeds package dissipation capability, provide heat
sinking or derate linearly at the following rate:
SBDIP Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .13.5mW/°C
Ceramic Flatpack Package . . . . . . . . . . . . . . . . . . . . . . . .8.6mW/°C
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
1.
θJA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
2. For
θ
JC, the “case temp” location is the center of the exposed metal pad on the package underside.
DC Electrical Electrical Performance Characteristics
PARAMETER
SYMBOL
TEST CONDITIONS
GROUP A
SUBGROUPS
TEMP (°C)
LIMITS
MIN
MAX
UNITS
Quiescent Current
ICC
VCC = 5.5V, VIN = VCC or
GND
1+25
-
10
μA
2, 3
+125, -55
-
200
μA
Output Current (Sink)
IOL
VCC = 4.5V, VIH = 4.5V,
VOUT = 0.4V, VIL = 0V
1
+25
4.8
-
mA
2, 3
+125, -55
4.0
-
mA
Output Current (Source)
IOH
VCC = 4.5V, VIH = 4.5V,
VOUT = VCC -0.4V,
VIL = 0V
1+25
-4.8
-
mA
2, 3
+125, -55
-4.0
-
mA
Output Voltage Low
VOL
VCC = 4.5V, VIH = 3.15V,
IOL = 50
μA, VIL = 1.35V
1, 2, 3
+25, +125, -55
-
0.1
V
VCC = 5.5V, VIH = 3.85V,
IOL = 50
μA, VIL = 1.65V
1, 2, 3
+25, +125, -55
-
0.1
V
Output Voltage High
VOH
VCC = 4.5V, VIH = 3.15V,
IOH = -50
μA, VIL = 1.35V
1, 2, 3
+25, +125, -55 VCC - 0.1
-
V
VCC = 5.5V, VIH = 3.85V,
IOH = -50
μA, VIL = 1.65V
1, 2, 3
+25, +125, -55 VCC - 0.1
-
V
Input Leakage Current
IIN
VCC = 5.5V, VIN = VCC or
GND
1+25
-
±0.5
μA
2, 3
+125, -55
-
±5.0
μA
Noise Immunity Functional Test
FN
VCC = 4.5V, VIH = 0.70
(VCC), VIL = 0.30(VCC),
(Note 3)
7, 8A, 8B
+25, +125, -55
-
-
-
NOTES:
3. This is just to show continuing notes in the document.
4. This is a row format electrical spec table.
HCS32MS



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com