Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS32K Datasheet(PDF) 1 Page - Intersil Corporation

Part # HCS32K
Description  Radiation Hardened Quad 2-Input OR Gate
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HCS32K Datasheet(HTML) 1 Page - Intersil Corporation

  HCS32K Datasheet HTML 1Page - Intersil Corporation HCS32K Datasheet HTML 2Page - Intersil Corporation HCS32K Datasheet HTML 3Page - Intersil Corporation HCS32K Datasheet HTML 4Page - Intersil Corporation HCS32K Datasheet HTML 5Page - Intersil Corporation HCS32K Datasheet HTML 6Page - Intersil Corporation HCS32K Datasheet HTML 7Page - Intersil Corporation HCS32K Datasheet HTML 8Page - Intersil Corporation HCS32K Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
®
FN3057.1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 1995, 2007. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
HCS32MS
Radiation Hardened Quad 2-Input OR
Gate
The Intersil HCS32MS is a Radiation Hardened Quad 2-Input
OR Gate. A low on both inputs forces the output to a low state.
The HCS32MS utilizes advanced CMOS/SOS technology to
achieve high-speed operation. This device is a member of the
radiation hardened, high-speed, CMOS/SOS Logic Family.
The HCS32MS is supplied in a 14 Ld Ceramic flatpack
(K suffix) or a SBDIP Package (D suffix).
Features
• 3 Micron Radiation Hardened SOS CMOS
• Total Dose 200k RAD (Si)
• SEP Effective LET No Upsets: >100 MEV-cm2/mg
• Single Event Upset (SEU) Immunity < 2 x 10-9
Errors/Bit-Day (Typ)
• Latch-Up Free Under Any Conditions
• Military Temperature Range: -55°C to +125°C
• Significant Power Reduction Compared to LSTTL ICs
• DC Operating Voltage Range: 4.5V to 5.5V
• Input Logic Levels
•VIL = 30% of VCC Max
•VIH = 70% of VCC Min
• Input Current Levels Ii ≤ 5µA @ VOL, VOH
Functional Diagram
Ordering Information
PART
NUMBER
PART
MARKING
TEMP.
RANGE (°C)
PACKAGE
PKG.
DWG. #
HCS32DMSR Q 5962R95
78101VCC
-55°C to +125°C 14 Ld SBDIP
D14.3
HCS32KMSR Q 5962R95
78101VXC
-55°C to +125°C 14 Ld Ceramic
Flatpack
K14.A
HCS32D/
Sample
+25°C
14 Ld SBDIP
HCS32K/
Sample
+25°C
14 Ld Ceramic
Flatpack
HCS32HMSR
+25°C
Die
Intersil Pb-free hermetic packaged products employ SnAgCu or Au
termination finish, which are RoHS compliant termination finishes and
compatible with both SnPb and Pb-free soldering operations. Ceramic
dual in-line packaged products (CerDIPs) do contain lead (Pb) in the
seal glass and die attach glass materials. However, lead in the glass
materials of electronic components are currently exempted per the
RoHS directive. Therefore, ceramic dual inline packages with Pb-free
termination finish are considered to be RoHS compliant.
TABLE 1. TRUTH TABLE
INPUTS
OUTPUTS
An
Bn
Yn
LLL
LH
H
HLH
HHH
NOTE:
L = Logic Level Low, H = Logic level High
(1, 4, 9, 12)
An
(2, 5, 10, 13)
Bn
Yn
(3, 6, 8, 11)
Data Sheet
April 11, 2007


Similar Part No. - HCS32K

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HCS32K INTERSIL-HCS32K Datasheet
179Kb / 8P
Radiation Hardened Quad 2-Input OR Gate
September 1995
logo
Renesas Technology Corp
HCS32K RENESAS-HCS32K Datasheet
481Kb / 11P
Radiation Hardened Quad 2-Input OR Gate
April 11, 2007
logo
Intersil Corporation
HCS32KMSR INTERSIL-HCS32KMSR Datasheet
179Kb / 8P
Radiation Hardened Quad 2-Input OR Gate
September 1995
logo
Renesas Technology Corp
HCS32KMSR RENESAS-HCS32KMSR Datasheet
481Kb / 11P
Radiation Hardened Quad 2-Input OR Gate
April 11, 2007
More results

Similar Description - HCS32K

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ACS32MS INTERSIL-ACS32MS Datasheet
50Kb / 2P
Radiation Hardened Quad 2-Input OR Gate
November 1998
ACS86MS INTERSIL-ACS86MS Datasheet
62Kb / 6P
Radiation Hardened Quad 2-Input Exclusive OR Gate
April 1995
HCS32MS INTERSIL-HCS32MS Datasheet
179Kb / 8P
Radiation Hardened Quad 2-Input OR Gate
September 1995
HCS86MS INTERSIL-HCS86MS Datasheet
176Kb / 8P
Radiation Hardened Quad 2-Input Exclusive OR Gate
September 1995
HCTS32MS INTERSIL-HCTS32MS Datasheet
55Kb / 9P
Radiation Hardened Quad 2-Input OR Gate
September 1995
HCTS86MS INTERSIL-HCTS86MS Datasheet
146Kb / 9P
Radiation Hardened Quad 2-Input Exclusive OR Gate
October 1995
logo
Renesas Technology Corp
ACS32MS RENESAS-ACS32MS Datasheet
175Kb / 2P
Radiation Hardened Quad 2-Input OR Gate
November 1998
HCS32MS RENESAS-HCS32MS Datasheet
481Kb / 11P
Radiation Hardened Quad 2-Input OR Gate
April 11, 2007
HCS86MS RENESAS-HCS86MS Datasheet
377Kb / 8P
Radiation Hardened Quad 2-Input Exclusive OR Gate
September 1995
HCTS32MS RENESAS-HCTS32MS Datasheet
487Kb / 8P
Radiation Hardened Quad 2-Input OR Gate
September 1995
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com