Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACS32MS Datasheet (PDF) - Intersil Corporation

ACS32MS Datasheet PDF - Intersil Corporation
Part # ACS32MS
Download  ACS32MS Download
File Size   50.43 Kbytes
Page   2 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Radiation Hardened Quad 2-Input OR Gate

ACS32MS Datasheet (PDF)

Go To PDF Page Download Datasheet
ACS32MS Datasheet PDF - Intersil Corporation

Part # ACS32MS
Download  ACS32MS Click to download

File Size   50.43 Kbytes
Page   2 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Radiation Hardened Quad 2-Input OR Gate

ACS32MS Datasheet (HTML) - Intersil Corporation


ACS32MS Product details

The Radiation Hardened ACS32MS is a Quad 2-Input OR Gate. For each gate, a HIGH level on either A or B input results in a HIGH level on the Y output. A LOW level on both the A and B inputs results in a LOW level on the Y output. All inputs are buffered and the outputs are designed for balanced propagation delay and transition times.

Features
• QML Qualified Per MIL-PRF-38535 Requirements
• 1.25 Micron Radiation Hardened SOS CMOS
• Radiation Environment
    - Latch-Up Free Under any Conditions
    - Total Dose. . . . . . . . . . . . . . . . . . . . . . 3 x 105 RAD (Si)
    - SEU Immunity. . . . . . . . . . . . . <1 x 10-10 Errors/Bit/Day
    - SEU LET Threshold . . . . . . . . . . . . >100MeV/(mg/cm2)
• Input Logic Levels . . . . VIL = (0.3)(VCC), VIH = (0.7)(VCC)
• Output Current . . . . . . . . . . . . . . . . . . . . . . . . ±8mA (Min)
• Quiescent Supply Current . . . . . . . . . . . . . . 100µA (Max)
• Propagation Delay . . . . . . . . . . . . . . . . . . . . . .12ns (Max)

Applications
• High Speed Control Circuits
• Sensor Monitoring
• Low Power Designs




Similar Part No. - ACS32MS

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ACS32MS RENESAS-ACS32MS Datasheet
175Kb / 2P
Radiation Hardened Quad 2-Input OR Gate
November 1998
More results


Similar Description - ACS32MS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ACS86MS INTERSIL-ACS86MS Datasheet
62Kb / 6P
Radiation Hardened Quad 2-Input Exclusive OR Gate
April 1995
HCS32MS INTERSIL-HCS32MS Datasheet
179Kb / 8P
Radiation Hardened Quad 2-Input OR Gate
September 1995
HCS86MS INTERSIL-HCS86MS Datasheet
176Kb / 8P
Radiation Hardened Quad 2-Input Exclusive OR Gate
September 1995
HCTS32MS INTERSIL-HCTS32MS Datasheet
55Kb / 9P
Radiation Hardened Quad 2-Input OR Gate
September 1995
HCTS86MS INTERSIL-HCTS86MS Datasheet
146Kb / 9P
Radiation Hardened Quad 2-Input Exclusive OR Gate
October 1995
HCS32MS INTERSIL-HCS32MS_07 Datasheet
285Kb / 11P
Radiation Hardened Quad 2-Input OR Gate
April 11, 2007
logo
Renesas Technology Corp
ACS32MS RENESAS-ACS32MS Datasheet
175Kb / 2P
Radiation Hardened Quad 2-Input OR Gate
November 1998
HCS32MS RENESAS-HCS32MS Datasheet
481Kb / 11P
Radiation Hardened Quad 2-Input OR Gate
April 11, 2007
HCS86MS RENESAS-HCS86MS Datasheet
377Kb / 8P
Radiation Hardened Quad 2-Input Exclusive OR Gate
September 1995
HCTS32MS RENESAS-HCTS32MS Datasheet
487Kb / 8P
Radiation Hardened Quad 2-Input OR Gate
September 1995
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com