Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACS32MS Datasheet(PDF) 1 Page - Intersil Corporation

Part # ACS32MS
Description  Radiation Hardened Quad 2-Input OR Gate
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ACS32MS Datasheet(HTML) 1 Page - Intersil Corporation

  ACS32MS Datasheet HTML 1Page - Intersil Corporation ACS32MS Datasheet HTML 2Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
ACS32MS
Radiation Hardened Quad 2-Input OR Gate
The Radiation Hardened ACS32MS is a Quad 2-Input OR
Gate. For each gate, a HIGH level on either A or B input
results in a HIGH level on the Y output. A LOW level on both
the A and B inputs results in a LOW level on the Y output. All
inputs are buffered and the outputs are designed for
balanced propagation delay and transition times.
The ACS32MS is fabricated on a CMOS Silicon on Sapphire
(SOS) process, which provides an immunity to Single Event
Latch-up and the capability of highly reliable performance in
any radiation environment. These devices offer significant
power reduction and faster performance when compared to
ALSTTL types.
Specifications for Rad Hard QML devices are controlled
by the Defense Supply Center in Columbus (DSCC). The
SMD numbers listed below must be used when ordering.
Detailed Electrical Specifications for the ACS32MS are
contained in SMD 5962-98624. A “hot-link” is provided
on our homepage with instructions for downloading.
www.intersil.com/data/sm/index.asp
Features
• QML Qualified Per MIL-PRF-38535 Requirements
• 1.25 Micron Radiation Hardened SOS CMOS
• Radiation Environment
- Latch-Up Free Under any Conditions
- Total Dose . . . . . . . . . . . . . . . . . . . . . . 3 x 105 RAD (Si)
- SEU Immunity . . . . . . . . . . . . . <1 x 10-10 Errors/Bit/Day
- SEU LET Threshold . . . . . . . . . . . . >100MeV/(mg/cm2)
• Input Logic Levels . . . . VIL = (0.3)(VCC), VIH = (0.7)(VCC)
• Output Current . . . . . . . . . . . . . . . . . . . . . . . .
±8mA (Min)
• Quiescent Supply Current . . . . . . . . . . . . . . 100
µA (Max)
• Propagation Delay . . . . . . . . . . . . . . . . . . . . . . 12ns (Max)
Applications
• High Speed Control Circuits
• Sensor Monitoring
• Low Power Designs
Ordering Information
ORDERING NUMBER
INTERNAL MKT. NUMBER
TEMP. RANGE (oC)
PACKAGE
DESIGNATOR
5962F9862401VCC
ACS32DMSR-03
-55 to 125
14 Ld SBDIP
CDIP2-T14
ACS32D/SAMPLE-03
ACS32D/SAMPLE-03
25
14 Ld SBDIP
CDIP2-T14
5962F9862401VXC
ACS32KMSR-03
-55 to 125
14 Ld Flatpack
CDFP4-F14
ACS32K/SAMPLE-03
ACS32K/SAMPLE-03
25
14 Ld Flatpack
CDFP4-F14
5962F9862401V9A
ACS32HMSR-03
25
Die
N/A
Pinouts
ACS32MS
(SBDIP)
TOP VIEW
ACS32MS
(FLATPACK)
TOP VIEW
A1
B1
Y1
A2
B2
Y2
GND
VCC
B4
A4
Y4
B3
A3
Y3
1
2
3
4
5
6
7
14
13
12
11
10
9
8
14
13
12
11
10
9
8
2
3
4
5
6
7
1
A1
B1
Y1
A2
B2
Y2
GND
VCC
B4
A4
Y4
B3
A3
Y3
Data Sheet
November 1998
File Number
4545
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143 | Copyright © Intersil Corporation 1999


Similar Part No. - ACS32MS

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ACS32MS RENESAS-ACS32MS Datasheet
175Kb / 2P
Radiation Hardened Quad 2-Input OR Gate
November 1998
More results

Similar Description - ACS32MS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ACS86MS INTERSIL-ACS86MS Datasheet
62Kb / 6P
Radiation Hardened Quad 2-Input Exclusive OR Gate
April 1995
HCS32MS INTERSIL-HCS32MS Datasheet
179Kb / 8P
Radiation Hardened Quad 2-Input OR Gate
September 1995
HCS86MS INTERSIL-HCS86MS Datasheet
176Kb / 8P
Radiation Hardened Quad 2-Input Exclusive OR Gate
September 1995
HCTS32MS INTERSIL-HCTS32MS Datasheet
55Kb / 9P
Radiation Hardened Quad 2-Input OR Gate
September 1995
HCTS86MS INTERSIL-HCTS86MS Datasheet
146Kb / 9P
Radiation Hardened Quad 2-Input Exclusive OR Gate
October 1995
HCS32MS INTERSIL-HCS32MS_07 Datasheet
285Kb / 11P
Radiation Hardened Quad 2-Input OR Gate
April 11, 2007
logo
Renesas Technology Corp
ACS32MS RENESAS-ACS32MS Datasheet
175Kb / 2P
Radiation Hardened Quad 2-Input OR Gate
November 1998
HCS32MS RENESAS-HCS32MS Datasheet
481Kb / 11P
Radiation Hardened Quad 2-Input OR Gate
April 11, 2007
HCS86MS RENESAS-HCS86MS Datasheet
377Kb / 8P
Radiation Hardened Quad 2-Input Exclusive OR Gate
September 1995
HCTS32MS RENESAS-HCTS32MS Datasheet
487Kb / 8P
Radiation Hardened Quad 2-Input OR Gate
September 1995
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com