Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2008 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP2008
Description  PWM BUCK CONTROLLER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2008 Datasheet(HTML) 2 Page - Diodes Incorporated

  AP2008 Datasheet HTML 1Page - Diodes Incorporated AP2008 Datasheet HTML 2Page - Diodes Incorporated AP2008 Datasheet HTML 3Page - Diodes Incorporated AP2008 Datasheet HTML 4Page - Diodes Incorporated AP2008 Datasheet HTML 5Page - Diodes Incorporated AP2008 Datasheet HTML 6Page - Diodes Incorporated AP2008 Datasheet HTML 7Page - Diodes Incorporated AP2008 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
AP2008
PWM BUCK CONTROLLER
AP2008 Rev. 2
2 of 8
DECEMBER 2006
www.diodes.com
© Diodes Incorporated
.
AP2008
1
2
3
8
7
6
5
4
OUT
GND
SCP
SS
FB
VCC
CT
COMP
( Top View )
SOP
Name
Description
OUT
PWM Output
VCC
Supply Voltage
COMP
Feedback Loop Compensation
FB
Voltage Feedback
SCP
Short Circuit Protection
SS
Soft-Start.
CT
Timing Capacitor
GND
Ground
Block Diagram
Bandgap
Reference
OUT
PWM Amplifier
FB
VCC
SCP
CT
Error Amplifier
COMP
UVLO
GND
0.7V
1.5V
+
-
2.5V
Internal use
0.77V
Iss
+
-
VCC
Oscillator
10K-300KHz / CT value
SS
+
+
-
Pin Assignments
Pin Descriptions



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com