Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2008 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AP2008
Description  PWM BUCK CONTROLLER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2008 Datasheet(HTML) 3 Page - Diodes Incorporated

  AP2008 Datasheet HTML 1Page - Diodes Incorporated AP2008 Datasheet HTML 2Page - Diodes Incorporated AP2008 Datasheet HTML 3Page - Diodes Incorporated AP2008 Datasheet HTML 4Page - Diodes Incorporated AP2008 Datasheet HTML 5Page - Diodes Incorporated AP2008 Datasheet HTML 6Page - Diodes Incorporated AP2008 Datasheet HTML 7Page - Diodes Incorporated AP2008 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
AP2008
PWM BUCK CONTROLLER
AP2008 Rev. 2
3 of 8
DECEMBER 2006
www.diodes.com
© Diodes Incorporated
Absolute Maximum Ratings
Symbol
Parameter
Rating
Unit
VCC
Supply voltage
22
V
VI
Amplifier input voltage
20
V
VO
Collector output voltage
VCC-1.0V
V
ISOURCE
Source current
200
mA
ISINK
Sink current
200
mA
TOP
Operating temperature range
-20 to +85
oC
TST
Storage temperature range
-65 to +150
oC
Recommended Operating Conditions
Symbol
Parameter
Min.
Max.
Unit
VCC
Supply voltage
3.6
20
V
VI
Amplifier input voltage
1.05
1.45
V
VO
Collector output voltage
Vcc-1.5
V
IFB
Current into feedback terminal
45
µA
RF
Feedback resistor
100
kΩ
CT
Timing capacitor
100
6800
pF
FOSC
Oscillator frequency
10
300
KHz
TOP
Operating free-air temperature
-20
85
ºC



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com