Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS177 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # ATS177
Description  SINGLE OUTPUT HALL EFFECT LATCH
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ATS177 Datasheet(HTML) 2 Page - Diodes Incorporated

  ATS177 Datasheet HTML 1Page - Diodes Incorporated ATS177 Datasheet HTML 2Page - Diodes Incorporated ATS177 Datasheet HTML 3Page - Diodes Incorporated ATS177 Datasheet HTML 4Page - Diodes Incorporated ATS177 Datasheet HTML 5Page - Diodes Incorporated ATS177 Datasheet HTML 6Page - Diodes Incorporated ATS177 Datasheet HTML 7Page - Diodes Incorporated ATS177 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ATS177
SINGLE OUTPUT HALL EFFECT LATCH
ATS177 Rev. 1
2 of 8
JANUARY 2007
www.diodes.com
© Diodes Incorporated
Typical Circuit
+12V
U1
ATS177
VCC
1
GND
2
OUTPUT
3
Q1
NPN
Q2
NPN
R1
2K
R2
3K
D1
+
C1
0.47uF
+
C2
0.47uF
L1
L2
Brush-less DC Fan
Regulator
Hall
plate
Amp
2
Vss
DO
3
2
Vcc
1
Functional Block Diagrams



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com