Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS177 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # ATS177
Description  SINGLE OUTPUT HALL EFFECT LATCH
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ATS177 Datasheet(HTML) 3 Page - Diodes Incorporated

  ATS177 Datasheet HTML 1Page - Diodes Incorporated ATS177 Datasheet HTML 2Page - Diodes Incorporated ATS177 Datasheet HTML 3Page - Diodes Incorporated ATS177 Datasheet HTML 4Page - Diodes Incorporated ATS177 Datasheet HTML 5Page - Diodes Incorporated ATS177 Datasheet HTML 6Page - Diodes Incorporated ATS177 Datasheet HTML 7Page - Diodes Incorporated ATS177 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ATS177
SINGLE OUTPUT HALL EFFECT LATCH
ATS177 Rev. 1
3 of 8
JANUARY 2007
www.diodes.com
© Diodes Incorporated
Pin Descriptions
177
1
23
SIP-3L
Name
P/I/O
Pin #
Description
Vcc
P
1
Positive power supply
Vss
P
2
Ground
DO
O
3
Digital output
Characteristics
Symbol
Values
Unit
Supply Voltage
VCC
20
V
Reverse Vcc Polarity Voltage
VRCC
-20
V
Magnetic Flux Density
B
Unlimited
Output OFF Voltage
Vce
30
V
Output “ON” Current
Continuous
Ic
25
mA
Operating Temperature Range
TA
-20~+85
°C
Storage Temperature Range
Ts
-65~+150
°C
Maximum Junction Temp.
Tj
150
°C
Package Power Dissipation
SIP-3L
PD
550
mW
Absolute Maximum Ratings
( at TA=25
oC )



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com