Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HEF4755VT Datasheet(PDF) 4 Page - NXP Semiconductors

Part # HEF4755VT
Description  Transceiver for serial data communication
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

HEF4755VT Datasheet(HTML) 4 Page - NXP Semiconductors

  HEF4755VT Datasheet HTML 1Page - NXP Semiconductors HEF4755VT Datasheet HTML 2Page - NXP Semiconductors HEF4755VT Datasheet HTML 3Page - NXP Semiconductors HEF4755VT Datasheet HTML 4Page - NXP Semiconductors HEF4755VT Datasheet HTML 5Page - NXP Semiconductors HEF4755VT Datasheet HTML 6Page - NXP Semiconductors HEF4755VT Datasheet HTML 7Page - NXP Semiconductors HEF4755VT Datasheet HTML 8Page - NXP Semiconductors HEF4755VT Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
January 1995
4
Philips Semiconductors
Product specification
Transceiver for serial data communication
HEF4755V
LSI
Table 1
Input code for message length
Table 2
Input code for input mode
Table 3
Permissible time tolerance in bit distortion
Notes
1. H = HIGH state (the most positive voltage)
2. L = LOW state (the least positive voltage)
ML0
ML1
MESSAGE LENGTH
H
H
6 data bytes
L
H
4 data bytes
H
L
2 data bytes
LL
variable length
depends on
format byte
RX
TX
AS
L
L
L
status register connected to the data bus for error recognition
H
L
L
receiving in synchronous mode
L
H
L
transmitting in synchronous mode
H
H
L
receiving messages (without redundancy bit); data parallel out;
calculating of redundancy byte; transmitting data with redundancy
byte in synchronous mode
L
L
H
only bit check in asynchronous mode; no data output on data bus
H
L
H
receiving in asynchronous mode
L
H
H
transmitting in asynchronous mode
H
H
H
receiving and transmitting of a regenerated message in the
asynchronous mode
TT1
TT0
PERMITTED DISTORTION (dt/T)
L
L
6/32
≈ 19%
L
H
8/32 = 25%
H
L
10/32
≈ 31%
H
H
12/32
≈ 37%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com