Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HEF4755VT Datasheet(PDF) 2 Page - NXP Semiconductors

Part # HEF4755VT
Description  Transceiver for serial data communication
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

HEF4755VT Datasheet(HTML) 2 Page - NXP Semiconductors

  HEF4755VT Datasheet HTML 1Page - NXP Semiconductors HEF4755VT Datasheet HTML 2Page - NXP Semiconductors HEF4755VT Datasheet HTML 3Page - NXP Semiconductors HEF4755VT Datasheet HTML 4Page - NXP Semiconductors HEF4755VT Datasheet HTML 5Page - NXP Semiconductors HEF4755VT Datasheet HTML 6Page - NXP Semiconductors HEF4755VT Datasheet HTML 7Page - NXP Semiconductors HEF4755VT Datasheet HTML 8Page - NXP Semiconductors HEF4755VT Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
January 1995
2
Philips Semiconductors
Product specification
Transceiver for serial data communication
HEF4755V
LSI
DESCRIPTION
The HEF4755V transceiver is a circuit for serial data
communication. It provides maximum transmission
security and effectiveness. Therefore, in addition to the
normal precautions, it contains a programmable digital
bit-check, a programmable CRC (Cyclic Redundancy
Check; Hamming distance 4 or 6) and format protection.
The circuit has 8 possible operating modes:
• synchronous
– error checking only
– receiving
– transmitting
– receiving with data out and transmitting the same
message
• asynchronous
– error checking only
– receiving
– transmitting
– receiving with data out and transmitting of a
regenerated message.
FEATURES
• Transmission rate:
• Inputs: standard LOCMOS
• Outputs: TTL compatible (1 TTL load)
• Operating ambient temperature range: −40 to + 85 °C
• Transmit or receive a serial binary data stream
• Start bit generation and recognition
• Format protection and checking
• Redundancy byte generation and checking
• Digital bit check
• Error recognition and error distinguishing
• 8-bit parallel input/output transfer
VDD
SYNCHRONOUS
ASYNCHRONOUS
5 V
0,8 Mbaud
31 kbaud
7 V
1,6 Mbaud
62 kbaud
10 V
3,2 Mbaud
125 kbaud
SUPPLY VOLTAGE/CURRENT
FAMILY DATA, IDD LIMITS category LSI
See Family Specification
RATING
RECOMMENDED OPERATING
VDD
−0,5 to +15
4,75 to 12,6
V
ISS
30
−
mA
Fig.1 Pinning diagram.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com