Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES2D Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ES2D
Description  2.0A SURFACE MOUNT SUPER-FAST RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ES2D Datasheet(HTML) 1 Page - Diodes Incorporated

  ES2D Datasheet HTML 1Page - Diodes Incorporated ES2D Datasheet HTML 2Page - Diodes Incorporated ES2D Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
e3
DS14002 Rev. 10 - 2
1 of 3
ES2A/A - ES2D/A
www.diodes.com
ã Diodes Incorporated
ES2A/A - ES2D/A
2.0A SURFACE MOUNT SUPER-FAST RECTIFIER
·
Case: SMA/SMB
·
Case Material: Molded Plastic. UL Flammability
Classification Rating 94V-0
·
Moisture Sensitivity: Level 1 per J-STD-020C
·
Terminals: Lead Free Plating (Matte Tin
Finish). Solderable per MIL-STD-202, Method 208
·
Polarity: Cathode Band or Cathode Notch
·
Marking Information: See Page 3
·
Ordering Information: See Page 3
·
SMA Weight: 0.064 grams (approximate)
·
SMB Weight: 0.093 grams (approximate)
Dim
SMA
SMB
Min
Max
Min
Max
A
2.29
2.92
3.30
3.94
B
4.00
4.60
4.06
4.57
C
1.27
1.63
1.96
2.21
D
0.15
0.31
0.15
0.31
E
4.80
5.59
5.00
5.59
G
0.10
0.20
0.10
0.20
H
0.76
1.52
0.76
1.52
J
2.01
2.30
2.00
2.40
All Dimensions in mm
A
B
C
D
G
H
E
J
·
Glass Passivated Die Construction
·
Super-Fast Recovery Time For High Efficiency
·
Surge Overload Rating to 50A Peak
·
Ideally Suited for Automated Assembly
·
Lead Free Finish/RoHS Complaint (Note 4)
Mechanical Data
Maximum Ratings and Electrical Characteristics @ TA = 25°C unless otherwise specified
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
ES2A/A
ES2B/A
ES2C/A
ES2D/A
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage (Note 5)
VRRM
VRWM
VR
50
100
150
200
V
RMS Reverse Voltage
VR(RMS)
35
70
105
140
V
Average Rectified Output Current
@ TT = 110°C
IO
2.0
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave Superimposed on Rated Load
IFSM
50
A
Forward Voltage
@ IF = 2.0A
VFM
0.92
V
Peak Reverse Current
@ TA = 25°C
at Rated DC Blocking Voltage (Note 5)
@ TA = 125°C
IRM
5.0
350
m
A
Reverse Recovery Time (Note 3)
trr
25
ns
Typical Total Capacitance (Note 2)
CT
25
pF
Typical Thermal Resistance, Junction to Terminal (Note 1)
RqJT
20
°C/W
Operating and Storage Temperature Range
Tj, TSTG
-55 to +150
°
C
AA, BA, CA, DA Suffix Designates SMA Package
A, B, C, D, Suffix Designates SMB Package
Features
Notes:
1. Unit mounted on PC board with 5.0 mm2 (0.013 mm thick) copper pads as heat sink.
2. Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
3. Measured with IF = 0.5A, IR = 1.0A, Irr = 0.25A. See Figure 5.
4. RoHS revision 13.2.2003. Glass and high temperature solder exemptions applied, see EU Directive Annex Notes 5 and 7.
5. Short duration pulse test used to minimize self-heating effect.
SPICE MODELS: ES2A ES2B ES2C ES2D ES2AA ES2BA ES2CA ES2DA


Similar Part No. - ES2D

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
ES2D JGD-ES2D Datasheet
173Kb / 3P
2.0AMP. SUPER FAST RECOVRY SILICON RECTIFIERS
logo
Shanghai Sunrise Electr...
ES2D SSE-ES2D Datasheet
17Kb / 1P
SURFACE MOUNT SUPER FAST SWITCHING RECTIFIER
logo
Diodes Incorporated
ES2D DIODES-ES2D Datasheet
45Kb / 2P
2.0A SURFACE MOUNT SUPER-FAST RECTIFIER
DS14002 Rev. F-2
logo
Fuji Electric
ES2D FUJI-ES2D Datasheet
750Kb / 1P
2 AMP SURFACE MOUNT GLASS SUPER FAST RECOVERY RECTIFIER
logo
General Semiconductor
ES2D GE-ES2D Datasheet
100Kb / 2P
SURFACE MOUNT FAST EFFICIENT PLASTIC RECTIFIER
More results

Similar Description - ES2D

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
ER2A WTE-ER2A Datasheet
51Kb / 3P
2.0A SURFACE MOUNT SUPER FAST RECTIFIER
logo
Diodes Incorporated
ES2A DIODES-ES2A Datasheet
45Kb / 2P
2.0A SURFACE MOUNT SUPER-FAST RECTIFIER
DS14002 Rev. F-2
ES2G DIODES-ES2G Datasheet
57Kb / 2P
2.0A SURFACE MOUNT SUPER-FAST RECTIFIER
DS30212 Rev. A-2
ES2G DIODES-ES2G_1 Datasheet
193Kb / 3P
2.0A SURFACE MOUNT SUPER-FAST RECTIFIER
DS30212 Rev. 6 - 2
ES2A DIODES-ES2A_10 Datasheet
120Kb / 4P
2.0A SURFACE MOUNT SUPER-FAST RECTIFIER
DS14002 Rev. 12 - 2
ES2G DIODES-ES2G_10 Datasheet
123Kb / 4P
2.0A SURFACE MOUNT SUPER-FAST RECTIFIER
Rev. 8 - 2 September 2010
ES2AA DIODES-ES2AA_10 Datasheet
120Kb / 4P
2.0A SURFACE MOUNT SUPER-FAST RECTIFIER
Rev 12
ES2B-13-F DIODES-ES2B-13-F Datasheet
120Kb / 4P
2.0A SURFACE MOUNT SUPER-FAST RECTIFIER
Rev 12
ES2G DIODES-ES2G_15 Datasheet
123Kb / 4P
2.0A SURFACE MOUNT SUPER-FAST RECTIFIER
Rev erse
SF2DDF DIODES-SF2DDF Datasheet
638Kb / 5P
2.0A SURFACE MOUNT SUPER-FAST RECTIFIER
January 2019 Rev. 6 - 2
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com