Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT2MOA3S20/E/1 Datasheet(PDF) 15 Page - NXP Semiconductors

Part # HT2MOA3S20/E/1
Description  HITAGTM2 Chip Module
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

HT2MOA3S20/E/1 Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button HT2MOA3S20/E/1 Datasheet HTML 11Page - NXP Semiconductors HT2MOA3S20/E/1 Datasheet HTML 12Page - NXP Semiconductors HT2MOA3S20/E/1 Datasheet HTML 13Page - NXP Semiconductors HT2MOA3S20/E/1 Datasheet HTML 14Page - NXP Semiconductors HT2MOA3S20/E/1 Datasheet HTML 15Page - NXP Semiconductors HT2MOA3S20/E/1 Datasheet HTML 16Page - NXP Semiconductors HT2MOA3S20/E/1 Datasheet HTML 17Page - NXP Semiconductors HT2MOA3S20/E/1 Datasheet HTML 18Page - NXP Semiconductors HT2MOA3S20/E/1 Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
Specifications of the HT2 MOA3 S20
Rev. 1.1
1997-08-19
Ht2moa3.doc/HS
Page 15 of 22
5.2.3 Configuration
The Configuration Byte is represented by the first 8 bits of Page 3 of the transponder memory.
Configuration Byte:
7
654
3210
0: Manchester Code
1: Biphase Code
Bit 2
Bit 1
Version
Coding
Coding in
HITAG 2-Operation
0
0
Public Mode
B
biphase
depending on bit 0
0
1
Public Mode
A
manchester
depending on bit 0
1
0
Public Mode C biphase
depending on bit 0
1
1
HITAG 2
depending on bit 0
depending on bit 0
0: password mode
1: crypto mode
0: PAGE 6 and 7 read/write
1: PAGE 6 and 7 read only
0: PAGE 4 and 5 read/write
1: PAGE 4 and 5 read only
THE SETTING OF THIS BIT IS OTP !
0: PAGE 3 read/write
1: PAGE 3 read only; Configuration Byte and Password TAG fixed
THE SETTING OF THIS BIT IS OTP !
0: PAGE 1 and 2 read/write
1: PAGE 1 no read/no write
PAGE 2 read only (when transponder is in password mode)
PAGE 2 no read/no write (when transponder is in crypto mode)
Configuration Byte / Bit 6:
Bit 6 = ‘0’: Page 3 is read/write.
Bit 6 = ‘1’: Page 3 can only be read. This process is irreversible !
ATTENTION: Do not set Bit 6 of the Configuration Byte to ‘1’ before having written the
final data into Page 3 (including the Configuration Byte and Password TAG) of the
transponder.
Configuration Byte / Bit 7:
Bit 7 = ‘0’: Pages 1 and 2 are read/write.
Bit 7 = ‘1’: Pages 1 and 2 are locked against writing. This process is irreversible !
ATTENTION: Do not set Bit 7 of the Configuration Byte to ‘1’ before having written the
final data into Pages 1 and 2 of the transponder.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com