Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT2MOA3S20/E/1 Datasheet(PDF) 16 Page - NXP Semiconductors

Part # HT2MOA3S20/E/1
Description  HITAGTM2 Chip Module
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

HT2MOA3S20/E/1 Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button HT2MOA3S20/E/1 Datasheet HTML 12Page - NXP Semiconductors HT2MOA3S20/E/1 Datasheet HTML 13Page - NXP Semiconductors HT2MOA3S20/E/1 Datasheet HTML 14Page - NXP Semiconductors HT2MOA3S20/E/1 Datasheet HTML 15Page - NXP Semiconductors HT2MOA3S20/E/1 Datasheet HTML 16Page - NXP Semiconductors HT2MOA3S20/E/1 Datasheet HTML 17Page - NXP Semiconductors HT2MOA3S20/E/1 Datasheet HTML 18Page - NXP Semiconductors HT2MOA3S20/E/1 Datasheet HTML 19Page - NXP Semiconductors HT2MOA3S20/E/1 Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
Specifications of the HT2 MOA3 S20
Rev. 1.1
1997-08-19
Ht2moa3.doc/HS
Page 16 of 22
Standard values for the Configuration Byte:
Password Mode:
0x06
Crypto Mode:
0x0E
Public Mode A:
0x02
Public Mode B:
0x00
Public Mode C:
0x04
5.3 Configuration of Delivered HITAG 2 Transponders
HITAG 2 transponders are delivered with the following configuration by Philips Semiconductors:
Unique Serial Number:
Serial Number:
Read Only
-
fixed
Configuration Byte:
0x06:
Password Mode (Manchester Code)
-
can be changed
Page 6 and 7 read/write
-
can be changed
Page 4 and 5 read/write
-
can be changed
Page 3 read/write
-
can be changed
Page 1 and 2 read/write
-
can be changed
Values for Transport Passwords, Transport Keys:
Password RWD:
0x4D494B52
(=
″MIKR″)
Password TAG:
0xAA4854
Key Low:
0x4D494B52
(=
″MIKR″)
Key High:
0x4F4E
(=
″ON″)
RECOMMENDATION:
Before delivering transponders to end users, Pages 1 to 3 should be locked (set Configuration
Byte / Bit 6 to ‘1’ for Page 3 and set Configuration Byte / Bit 7 to ‘1’ for Pages 1 and 2).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com