Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTEV400 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # HTEV400
Description  HITAG proximity evaluation kit
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

HTEV400 Datasheet(HTML) 2 Page - NXP Semiconductors

  HTEV400 Datasheet HTML 1Page - NXP Semiconductors HTEV400 Datasheet HTML 2Page - NXP Semiconductors HTEV400 Datasheet HTML 3Page - NXP Semiconductors HTEV400 Datasheet HTML 4Page - NXP Semiconductors HTEV400 Datasheet HTML 5Page - NXP Semiconductors HTEV400 Datasheet HTML 6Page - NXP Semiconductors HTEV400 Datasheet HTML 7Page - NXP Semiconductors HTEV400 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2001 Sep 24
2
Philips Semiconductors
Product specification
HITAG proximity evaluation kit
HTEV400
FEATURES
The evaluation kit comprises the following components:
• Proximity read and write device with integrated antenna
• DC power supply cable
• RS232 interface cable
• HITAG transponders
• CD-ROM with:
– Demonstration software
– User manual.
APPLICATIONS
• Easy integration and application of HITAG proximity
readers.
GENERAL DESCRIPTION
HITAG(1) is the name of one of the universal and powerful
product lines of our 125 kHz family. The HITAG product
family is used both in the proximity area (operating range
up to approximately 200 mm) and in the long range area
(operating range up to approximately 1000 mm).
Developing our HITAG products, utmost consideration
was given to security and reliability. The use of
cryptography guarantees highest data security.
The central part of every HITAG read and write device is
the HITAG core module, which ensures full compatibility
for every HITAG read and write device.
To give you the possibility for an easy and quick start with
our HITAG products we offer a HITAG proximity evaluation
kit. Easy application certainly is an important factor in
making the proximity evaluation kit suitable for evaluation
purposes. You will be able to present your ideas and
demonstrate the performance of your system with the help
of the HITAG evaluation kit.
The HTEV400 supports both HITAG 1 and HITAG 2
products. However, the HTEV400 does NOT support the
anticollision feature of HITAG 1.
(1) HITAG - is a trademark of Philips Semiconductors
Gratkorn GmbH.
ORDERING INFORMATION
PART NUMBER
NAME
ORDER CODE (12NC)
HTEV400
HITAG proximity evaluation kit
9352 341 40122



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com