Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTEV400 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # HTEV400
Description  HITAG proximity evaluation kit
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

HTEV400 Datasheet(HTML) 4 Page - NXP Semiconductors

  HTEV400 Datasheet HTML 1Page - NXP Semiconductors HTEV400 Datasheet HTML 2Page - NXP Semiconductors HTEV400 Datasheet HTML 3Page - NXP Semiconductors HTEV400 Datasheet HTML 4Page - NXP Semiconductors HTEV400 Datasheet HTML 5Page - NXP Semiconductors HTEV400 Datasheet HTML 6Page - NXP Semiconductors HTEV400 Datasheet HTML 7Page - NXP Semiconductors HTEV400 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
2001 Sep 24
4
Philips Semiconductors
Product specification
HITAG proximity evaluation kit
HTEV400
Software start-up
SYSTEM REQUIREMENTS
In order to use the RFIDDEMO software the following
system requirements must be satisfied:
• IBM-PC or compatible (minimum 286 processor)
• 640 kbyte RAM
• Serial interface.
INSTALLATION
1. Create a new directory on your PC for the demo-files
e.g. C:\RFIDDEMO
2. Copy all the files from the CD-ROM into the new
directory.
STARTING THE DEMO-PROGRAM
We strongly recommend to carefully read the user manual
“RFIDDEMO HITAG evaluation software” before starting
the demo system. Inconsiderate use of individual menu
options may result in unwanted irreversible changes in
access rights.
Start your demo-program by typing the command
RFIDDEMO.EXE.
CHARACTERISTICS
REFERENCE DOCUMENTS
DEVICE
PARAMETER
External power supply
unit
DC voltage: 9 to 16 V
DC current: 150 mA
(maximum)
Read and write device interface: RS232
operating frequency: 125 kHz
Operating temperature 0 to 70
°C
CATEGORY
TITLE
User manual
“RFIDDEMO HITAG evaluation
software”
Data sheet
“HTCM400 HITAG core
module”
Data sheet
“HTRM440 HITAG proximity
reader module”



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com