Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L1127G-XX-AF5-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # L1127G-XX-AF5-R
Description  ULTRA-LOW-NOISE,HIGH-SPEED, LOW-DROPOUT,300mA LINEAR REGULATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L1127G-XX-AF5-R Datasheet(HTML) 5 Page - Unisonic Technologies

  L1127G-XX-AF5-R Datasheet HTML 1Page - Unisonic Technologies L1127G-XX-AF5-R Datasheet HTML 2Page - Unisonic Technologies L1127G-XX-AF5-R Datasheet HTML 3Page - Unisonic Technologies L1127G-XX-AF5-R Datasheet HTML 4Page - Unisonic Technologies L1127G-XX-AF5-R Datasheet HTML 5Page - Unisonic Technologies L1127G-XX-AF5-R Datasheet HTML 6Page - Unisonic Technologies L1127G-XX-AF5-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
L1127/A/E
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
5 of 7
www.unisonic.com.tw
QW-R502-742.e
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
VIN, SHDN , ERROR to GND
-0.3 ~ +6.5
V
ADJ/SET, OUT to GND
-0.3 ~ (VIN+0.3)
V
Power Dissipation
PD
400
mW
Junction Temperature
TJ
+125
°С
Storage Temperature
TSTG
-65 ~ +150
°С
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged. Absolute
maximum ratings are stress ratings only and functional device operation is not implied.
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
RATINGS
UNIT
VIN Supply Voltage
VIN
2.5 ~ 6
V
Output Voltage
VOUT
0.8 ~ 5.5
V
VOUT Output Current
IOUT
0 ~ 300
mA
Operating Temperature
TOPR
-40 ~ +85
°С
ELECTRICAL CHARACTERISTICS
(VIN = VOUT+1V (min VIN=2.5V), IOUT=0~300mA, CIN = 1μF, COUT =1μF, TA = 25°С, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX
UNIT
Input Voltage
VIN
2.5
6
V
Output Voltage Accuracy(Preset)
VOUT
IOUT=1mA~300mA
-2
+2
%
Maximum Output Current
IOUT_MAX
300
mA
Quiescent Current
IGND
Normal operate, IOUT =10mA
120
200
μA
Shutdown mode.
0.1
5
Line Regulation
REGLINE VOUT+0.5V<VIN<6V, IOUT= 10mA
0.1
%/V
Load Regulation
REGLOAD VIN = VOUT+0.5V, 1mA<IOUT<300mA
0.6
%/A
Dropout Voltage
VD
VOUT =2.5V,IOUT = 300mA
230
360
mV
Soft-Start Time
TSS
50
uS
Thermal Shutdown Temperature
TSHDN
165
°С
Thermal Shutdown Hysteresis
DTSHDN
30
°С
SHUTDOWN INPUT
Shutdown Threshold
VIH
1.8
V
VIL
0.4
V
SHDN Pull Down Resistance
RSHDN
2
MΩ
ADJ/SET Mode(L1127A)
ADJ Voltage
VADJ
IOUT=1mA~300mA
0.784
0.8
0.816
V
SET Input Threshold for ADJ/Preset
100
mV
ERROR FLAG COMPARATOR (L1127E)
Threshold (VOUT/nominal VOUT)
VTHE
90
%
Output Voltage
VOLE
Sinking 100uA
0.04
0.1
V
Output High Leakage
VERROR =6V
1
uA



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com