Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L1127G-XX-AF5-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # L1127G-XX-AF5-R
Description  ULTRA-LOW-NOISE,HIGH-SPEED, LOW-DROPOUT,300mA LINEAR REGULATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L1127G-XX-AF5-R Datasheet(HTML) 1 Page - Unisonic Technologies

  L1127G-XX-AF5-R Datasheet HTML 1Page - Unisonic Technologies L1127G-XX-AF5-R Datasheet HTML 2Page - Unisonic Technologies L1127G-XX-AF5-R Datasheet HTML 3Page - Unisonic Technologies L1127G-XX-AF5-R Datasheet HTML 4Page - Unisonic Technologies L1127G-XX-AF5-R Datasheet HTML 5Page - Unisonic Technologies L1127G-XX-AF5-R Datasheet HTML 6Page - Unisonic Technologies L1127G-XX-AF5-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
UNISONIC TECHNOLOGIES CO., LTD
L1127/A/E
Preliminary
CMOS IC
www.unisonic.com.tw
1 of 7
Copyright © 2022 Unisonic Technologies Co., Ltd
QW-R502-742.e
ULTRA-LOW-NOISE,
HIGH-SPEED, LOW-DROPOUT,
300mA LINEAR REGULATOR
DESCRIPTION
As a low dropout linear regulator, the UTC L1127/A/E only needs
low input voltage (2.5~6V), and can deliver current to 300mA for
setting the output voltage.
The UTC L1127/A/E is ideal for being used in such as
battery-powered equipments notebook, personal computer and
mother board. Its typical dropout voltage is 230mV at loading current
300mA.
L1127/A/E
has 1.0V, 1.2V, 1.5V, 1.8V, 2.5V, 3.0V, 3.3V, 4.2V,
4.75V, fixed voltage versions and 0.8V to 5.5V adjustable voltage
versions.
ERROR Flag (L1127E): ERROR Flag goes low when the
output voltage drops 10% below nominal value .
ADJ/SET (L1127A): Connect ADJ/SET to GND for Preset output;
Connect an external resistive voltage-divider from OUT to GND to set
the out voltage between 0.8V and 5.5V.
FEATURES
* Operating Voltage: 2.5V~6V
* Low Voltage Dropout
* Output Current Guaranteed 300mA
* For Setting Output Voltage Two Modes
-
Fixed mode : 1.0V,1.2V,1.5V,1.8V, 2.5V, 3.0V, 3.3V,
4.2V, 4.75V
-
ADJ mode: Adjustable Output Voltage 0.8V~5.5V
* ERROR Flag Indicates Output Status
* Internal Current Limit Protection
* Internal Soft-Start
* Internal Thermal Protection
* Work Stably with Low ESR Ceramics Capacitor
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
L1127L-xx-AF5-R
L1127G-xx-AF5-R
SOT-25
Tape Reel
L1127AL-xx-AF5-R
L1127AG-xx-AF5-R
L1127EL-xx-AF5-R
L1127EG-xx-AF5-R
Note: xx: Output Voltage, refer to Marking Information.


Similar Part No. - L1127G-XX-AF5-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
L1127G-XX-AF5-R UTC-L1127G-XX-AF5-R Datasheet
178Kb / 5P
ULTRA-LOW-NOISE, HIGH-SPEED, LOW-DROPOUT, 300mA LINEAR REGULATOR
More results

Similar Description - L1127G-XX-AF5-R

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5312 ANPEC-APL5312 Datasheet
258Kb / 15P
Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
logo
Eutech Microelectronics...
EUP7967A EUTECH-EUP7967A Datasheet
202Kb / 9P
300mA Low-Noise Low-Dropout Linear Regulator
logo
Anpec Electronics Corop...
APL5312 ANPEC-APL5312_09 Datasheet
237Kb / 15P
Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
logo
Unisonic Technologies
L1127 UTC-L1127 Datasheet
178Kb / 5P
ULTRA-LOW-NOISE, HIGH-SPEED, LOW-DROPOUT, 300mA LINEAR REGULATOR
logo
Advanced Power Electron...
APE8883 A-POWER-APE8883 Datasheet
51Kb / 7P
300mA ULTRA LOW DROPOUT LINEAR REGULATOR
logo
HTC Korea TAEJIN Techno...
TJ4203GSF5-ADJ HTC-TJ4203GSF5-ADJ Datasheet
1Mb / 10P
300mA Ultra Low Dropout Linear Regulator
logo
Anpec Electronics Corop...
APL5320 ANPEC-APL5320 Datasheet
424Kb / 25P
Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
logo
Unisonic Technologies
L1127 UTC-L1127_15 Datasheet
183Kb / 5P
HIGH-SPEED, LOW-DROPOUT, 300mA LINEAR REGULATOR
L1127 UTC-L1127_18 Datasheet
192Kb / 7P
ULTRA-LOW-NOISE HIGH-SPEED, LOW-DROPOUT 300mA LINEAR REGULATOR
logo
Anpec Electronics Corop...
APL5320 ANPEC-APL5320_18 Datasheet
313Kb / 26P
Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com