Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM317LG-S08-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # LM317LG-S08-R
Description  LOW CURRENT 1.25V TO 37V ADJUSTABLE VOLTAGE REGULATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LM317LG-S08-R Datasheet(HTML) 3 Page - Unisonic Technologies

  LM317LG-S08-R Datasheet HTML 1Page - Unisonic Technologies LM317LG-S08-R Datasheet HTML 2Page - Unisonic Technologies LM317LG-S08-R Datasheet HTML 3Page - Unisonic Technologies LM317LG-S08-R Datasheet HTML 4Page - Unisonic Technologies LM317LG-S08-R Datasheet HTML 5Page - Unisonic Technologies LM317LG-S08-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
LM317L
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3 of 6
www.unisonic.com.tw
QW-R101-008.L
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATING
UNIT
Input-Output Differential Voltage
VIN-VOUT
40
V
Power Dissipation
PD
Internally Limited
Junction Temperature
TJ
+125
C
Operating Junction Temperature
TOPR
-40 ~ +125
C
Storage Temperature Range
TSTR
-40 ~ +150
C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL CHARACTERISTICS
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
SOT-89
θJA
180
°C/W
SOP-8
175
°C/W
TO-92
190
°C/W
Junction to Case
SOT-89
θJC
50
°C/W
SOP-8
27
°C/W
TO-92
83
°C/W
ELECTRICAL CHARACTERISTICS
(VIN-VOUT=5V, IOUT=40mA, Ta=25C, unless otherwise specified.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
Line Regulation
VOUT/VOUT 3V≦VIN-VOUT≦40V, ILOAD<20mA
0.01
0.04
%/V
Load Regulation
VOUT
5mA≦IOUT≦100mA
VOUT≦5V
5
25
mV
VOUT≧5V
0.1
0.5
%
Adjustable Pin Current
IADJ
50
100
A
Adjustable Pin Current Change
IADJ
3V≦VIN-VOUT≦40V,
5mA≦IOUT≦100mA, PD<625mW
0.2
5
A
Reference Voltage
VREF
3V≦VIN-VOUT≦40V,
5mA≦IOUT≦100mA, PD<625mW
1.20
1.25
1.30
V
Temperature Stability
TMIN≦TJ≦TMAX
0.7
%/VOUT
Minimum Load Current for Regulation
IL(MIN)
VIN-VOUT=40V
3.5
10
mA
Maximum Output Current
IO(MAX)
VIN-VOUT≦40V,PD<625mW
15
mA
RMS Noise vs. %of VOUT
eN
10HZ≦f≦10KHZ
0.003 0.01 %/VOUT
Ripple Rejection
RR
VOUT=10V,f=120HZ,
CADJ=0
65
dB
CADJ =10F
66
80
dB
Note: CADJ is connected between Adjust pin and Ground.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com