Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM317LG-S08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # LM317LG-S08-R
Description  LOW CURRENT 1.25V TO 37V ADJUSTABLE VOLTAGE REGULATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LM317LG-S08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  LM317LG-S08-R Datasheet HTML 1Page - Unisonic Technologies LM317LG-S08-R Datasheet HTML 2Page - Unisonic Technologies LM317LG-S08-R Datasheet HTML 3Page - Unisonic Technologies LM317LG-S08-R Datasheet HTML 4Page - Unisonic Technologies LM317LG-S08-R Datasheet HTML 5Page - Unisonic Technologies LM317LG-S08-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
LM317L
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 6
Copyright © 2022 Unisonic Technologies Co., Ltd
QW-R101-008.L
LOW CURRENT 1.25V TO
37V ADJUSTABLE VOLTAGE
REGULATOR
DESCRIPTION
The UTC LM317L is a monolithic integrated circuit,
designed to supply 100mA of output current with voltage
adjustable from 1.25V ~ 37V.
FEATURES
*Output voltage adjustable from 1.25V ~ 37V.
*Output current in excess of 100mA
*Internal thermal overload protection
*Internal short circuit current limiting
*Output transistor safe area compensation
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
4
5
6
7
8
LM317LK-AB3-R
LM317LG-AB3-R
SOT-89
A O
I
-
-
-
-
- Tape Reel
LM317LK-T92-B
LM317LG-T92-B
TO-92
A O
I
-
-
-
-
-
Tape Box
LM317LK-T92-K
LM317LG-T92-K
TO-92
A O
I
-
-
-
-
-
Bulk
LM317LK-S08-R
LM317LG-S08-R
SOP-8
I
O O A N O O N Tape Reel
LM317LK-S08-T
LM317LG-S08-T
SOP-8
I
O O A N O O N
Tube
Note: Pin Assignment: A: ADJ
I: VIN
O: VOUT
N: No Connection
MARKING
SOT-89
SOP-8
TO-92
UTC
LM317L
2
34
1
5
6
7
8
Date Code
Lot Code
K: Lead Free
G: Halogen Free


Similar Part No. - LM317LG-S08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LM317LG-S08-R UTC-LM317LG-S08-R Datasheet
215Kb / 5P
LOW CURRENT 1.25V TO 37V ADJUSTABLE VOLTAGE REGULATOR
LM317LG-S08-R UTC-LM317LG-S08-R Datasheet
215Kb / 5P
ADJUSTABLE VOLTAGE REGULATOR
LM317LG-S08-R UTC-LM317LG-S08-R Datasheet
196Kb / 5P
LOW CURRENT 1.25V TO 37V ADJUSTABLE VOLTAGE REGULATOR
More results

Similar Description - LM317LG-S08-R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LM217L STMICROELECTRONICS-LM217L Datasheet
130Kb / 8P
LOW CURRENT 1.2V TO 37V ADJUSTABLE VOLTAGE REGULATOR
logo
Unisonic Technologies
UTCLM317L UTC-UTCLM317L Datasheet
47Kb / 5P
LOW CURRENT 1.25V TO 37V ADJUSTABLE VOLTAGE REGULATOR
logo
STMicroelectronics
LM217L STMICROELECTRONICS-LM217L Datasheet
250Kb / 10P
LOW CURRENT 1.2 TO 37V ADJUSTABLE VOLTAGE REGULATOR
February 2003
LM217L STMICROELECTRONICS-LM217L_05 Datasheet
536Kb / 13P
LOW CURRENT 1.2 TO 37V ADJUSTABLE VOLTAGE REGULATOR
23-Dec-2005
LM217L STMICROELECTRONICS-LM217L_07 Datasheet
290Kb / 18P
Low current 1.2 to 37V adjustable voltage regulator
18-May-2007
logo
Unisonic Technologies
LM317L UTC-LM317L Datasheet
215Kb / 5P
LOW CURRENT 1.25V TO 37V ADJUSTABLE VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
LM317A ETL-LM317A Datasheet
254Kb / 5P
MEDIUM CURRENT 1.2V TO 37V ADJUSTABLE VOLTAGE REGULATOR
LM317L ETL-LM317L Datasheet
215Kb / 5P
LOW CURRENT 1.25V TO 37V ADJUSTABLE VOLTAGE REGULATOR
logo
Unisonic Technologies
LM317L UTC-LM317L_16 Datasheet
196Kb / 5P
LOW CURRENT 1.25V TO 37V ADJUSTABLE VOLTAGE REGULATOR
LM317A UTC-LM317A_V01 Datasheet
301Kb / 6P
MEDIUM CURRENT 1.2V TO 37V ADJUSTABLE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com