Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UR71XXL-AE2-3-R Datasheet(PDF) 7 Page - Unisonic Technologies

Part # UR71XXL-AE2-3-R
Description  HIGH VOLTAGE , ULTRA LOW IQ VOLTAGE REGULATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UR71XXL-AE2-3-R Datasheet(HTML) 7 Page - Unisonic Technologies

  UR71XXL-AE2-3-R Datasheet HTML 1Page - Unisonic Technologies UR71XXL-AE2-3-R Datasheet HTML 2Page - Unisonic Technologies UR71XXL-AE2-3-R Datasheet HTML 3Page - Unisonic Technologies UR71XXL-AE2-3-R Datasheet HTML 4Page - Unisonic Technologies UR71XXL-AE2-3-R Datasheet HTML 5Page - Unisonic Technologies UR71XXL-AE2-3-R Datasheet HTML 6Page - Unisonic Technologies UR71XXL-AE2-3-R Datasheet HTML 7Page - Unisonic Technologies UR71XXL-AE2-3-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
UR71XX
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
7 of 8
www.unisonic.com.tw
QW-R502-C22.I
ELECTRICAL CHARACTERISTICS (TA=25°C, unless otherwise specified)
UTC UR7150
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output Voltage
VOUT
VIN=VOUT+2V, IOUT=10mA
4.9
5.0
5.1
V
Output Current (Note 1)
IOUT
VIN=VOUT+2V
80
mA
Dropout Voltage (Note 2)
VDROP
IOUT=1mA
50
100
mV
Line Regulation
OUT
IN
1
OUT
V
V
∆
V
∆
•
VOUT+2V≤VIN≤36V, IOUT=1mA
0.05
0.2
%/V
Load Regulation
∆VOUT2
VIN=VOUT+2V, 1.0mA≤IOUT≤50mA
50
100
mV
Output Voltage Temperature
Coefficient
OUT
A
1
OUT
V
T
V
∆
•
VIN=VOUT+2V,
IOUT=10mA , -40°C≤TA≤85°C
±100
Ppm/°C
Supply Current
ISS1
VIN=VOUT+2V
1.2
4.0
uA
CE Pull-down Current
IPD
Only with CE pin
0.3
uA
CE Input Voltage "H"
VCEH
Only with CE pin
VIN-1
VIN
V
CE Input Voltage "L"
VCEL
Only with CE pin
0
1
V
Notes: 1. Increase the output current slowly, record the current when VOUT decrease 98% of VOUT.
2. Vdrop=VIN1-(VOUT×0.98), VOUT: VIN=VOUT+2V, IOUT=1mA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com