Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UR71XXL-AE2-3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UR71XXL-AE2-3-R
Description  HIGH VOLTAGE , ULTRA LOW IQ VOLTAGE REGULATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UR71XXL-AE2-3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UR71XXL-AE2-3-R Datasheet HTML 1Page - Unisonic Technologies UR71XXL-AE2-3-R Datasheet HTML 2Page - Unisonic Technologies UR71XXL-AE2-3-R Datasheet HTML 3Page - Unisonic Technologies UR71XXL-AE2-3-R Datasheet HTML 4Page - Unisonic Technologies UR71XXL-AE2-3-R Datasheet HTML 5Page - Unisonic Technologies UR71XXL-AE2-3-R Datasheet HTML 6Page - Unisonic Technologies UR71XXL-AE2-3-R Datasheet HTML 7Page - Unisonic Technologies UR71XXL-AE2-3-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UR71XX
CMOS IC
www.unisonic.com.tw
1 of 8
Copyright © 2023 Unisonic Technologies Co., Ltd
QW-R502-C22.I
HIGH VOLTAGE , ULTRA LOW
IQ VOLTAGE REGULATOR
DESCRIPTION
The UTC UR71XX Series are a low dropout regulator with wide
input voltage range, high output voltage accuracy, ultra low
quiescent current and low dropout. This regulator is based on a
CMOS process, and it’s input voltage could high enough more than
36V, thus they are very suitable for high voltage application.
FEATURES
* High output voltage accuracy: ±2%
* Ultra low quiescent current: 1.2uA (Typ.)
* Low temperature-drift coefficient of VOUT: ±50ppm/°C (Typ.)
* Wide Input voltage range: 0 ~ 36V
TO-92
1
SOT-89
1
SOT-23-5
(JEDEC TO-236)
SOT-23
(EIAJ SC-59)
2
1
3
SOT-23-3
(JEDEC TO-236)
2
3
1
SOT-25
1
3
5
2
4
1
3
5
2
4
SOT-353
1
3
5
2
4
DFN2020-6
1
SOT-223
1
DFN3030-8
1


Similar Part No. - UR71XXL-AE2-3-R

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
UR70/33/17 FERROXCUBE-UR70/33/17 Datasheet
45Kb / 4P
UR cores
UR70/33/17-3C90 FERROXCUBE-UR70/33/17-3C90 Datasheet
45Kb / 4P
UR cores
logo
Unisonic Technologies
UR7233H UTC-UR7233H Datasheet
231Kb / 6P
HIGH VOLTAGE , ULTRA LOW IQ VOLTAGE REGULATOR
UR724BH UTC-UR724BH Datasheet
231Kb / 6P
HIGH VOLTAGE , ULTRA LOW IQ VOLTAGE REGULATOR
UR7250H UTC-UR7250H Datasheet
231Kb / 6P
HIGH VOLTAGE , ULTRA LOW IQ VOLTAGE REGULATOR
More results

Similar Description - UR71XXL-AE2-3-R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A6933QDRQ1 TI-TPS7A6933QDRQ1 Datasheet
7Mb / 26P
High-Voltage Ultralow-Iq Low-Dropout Regulator
TPS7B6701-Q1 TI1-TPS7B6701-Q1 Datasheet
1Mb / 24P
450-mA High-Voltage Ultra-Low IQ Low-Dropout Regulator
TPS7B6925-Q1 TI-TPS7B6925-Q1_15 Datasheet
1Mb / 24P
TPS7B69xx-Q1 High-Voltage Ultra-Low IQ Low-Dropout Regulator
logo
ON Semiconductor
NCP716B ONSEMI-NCP716B Datasheet
250Kb / 8P
Wide Input Voltage Low Dropout, Ultra-Low Iq Regulator
June, 2016 ??Rev. 0
logo
Texas Instruments
TPS7B6925-Q1 TI1-TPS7B6925-Q1_16 Datasheet
1Mb / 24P
High-Voltage Ultra-Low IQ Low-Dropout Regulator
TPS7B6701-Q1 TI1-TPS7B6701-Q1_16 Datasheet
1Mb / 26P
450-mA High-Voltage Ultra-Low IQ Low-Dropout Regulator
TPS7B6925-Q1 TI1-TPS7B6925-Q1_17 Datasheet
1Mb / 24P
High-Voltage Ultra-Low IQ Low-Dropout Regulator
logo
ON Semiconductor
NCP716B ONSEMI-NCP716B_17 Datasheet
252Kb / 8P
Wide Input Voltage Low Dropout, Ultra-Low Iq Regulator
February, 2017 ??Rev. 1
logo
Unisonic Technologies
UR75XX UTC-UR75XX Datasheet
222Kb / 9P
HIGH VOLTAGE , ULTRA LOW IQ VOLTAGE REGULATOR
logo
ON Semiconductor
NCP716BC ONSEMI-NCP716BC Datasheet
769Kb / 9P
Wide Input Voltage Low Dropout, Ultra-Low Iq Regulator
December, 2020 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com