Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBPN Datasheet(PDF) 2 Page - RFE international

Part # MBPN
Description  METALIZED POLYPROPYLENE FILM CAPACITORS MBPN Series: Power Factor Correction, Box Type
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

MBPN Datasheet(HTML) 2 Page - RFE international

  MBPN Datasheet HTML 1Page - RFE international MBPN Datasheet HTML 2Page - RFE international MBPN Datasheet HTML 3Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DIMENSIONS (mm)
Page 2 of 3
RFE International • Tel:(949) 833-1988 • Fax:(949) 833-1788 • E-Mail Sales@rfeinc.com
METALIZED POLYPROPYLENE FILM CAPACITORS
MBPN Series: Power Factor Correction, Box Type
RoHS
450Vdc (2W)
630Vdc (2J)
(µF)
Code
W
H
T
P
d?
dv / dt
(µF)
Code
W
H
T
P
d?
dv / dt
0.022
223
13.0
9
4
10.0
0.6
400
0.390
394
17.5
16
10
15.0
0.8
300
0.027
273
13.0
9
4
10.0
0.6
400
0.470
474
17.5
16
10
15.0
0.8
300
0.033
333
13.0
9
4
10.0
0.6
400
0.560
564
26.5
17
9
22.5
0.8
180
0.039
393
13.0
9
4
10.0
0.6
400
0.680
684
26.5
17
9
22.5
0.8
180
0.047
473
13.0
11
5
10.0
0.6
400
0.820
824
26.5
19
10
22.5
0.8
180
0.056
563
13.0
11
5
10.0
0.6
400
1.000
105
26.5
19
10
22.5
0.8
180
0.068
683
13.0
11
5
10.0
0.6
400
1.200
125
26.5
22
12
22.5
0.8
180
0.082
823
13.0
12
6
10.0
0.6
400
26.0
22
11
22.5
0.100
104
17.5
11
5
15.0
0.6
300
32.0
22
13
27.5
0.120
124
17.5
11
5
15.0
0.6
300
1.800
185
32.0
22
13
27.5
0.8
120
0.150
154
17.5
12
6
15.0
0.6
300
2.200
225
32.0
25
15
27.5
0.8
120
0.180
184
17.5
12
6
15.0
0.6
300
2.700
275
32.0
28
14
27.5
0.8
120
0.220
224
17.5
14
8
15.0
0.6
300
3.300
335
32.0
33
18
27.5
0.8
120
0.270
274
17.5
14
8
15.0
0.6
300
3.900
395
32.0
33
18
27.5
0.8
120
0.330
334
17.5
15
9
15.0
0.8
300
R.V.
630Vdc (2J)
R.V.
630Vdc (2J)
1.500
155
0.8
120
520Vdc (2Y)
(µF)
Code
W
H
T
P
d?
dV/dt
(µF)
Code
W
H
T
P
d?
dV/dt
0.047
473
13.0
9
4
10
0.6
350
0.680
684
17.5
16
10
15
0.8
220
0.056
563
13.0
9
4
10
0.6
350
0.820
824
26.5
17
9
22.5
0.8
150
0.068
683
13.0
9
4
10
0.6
350
1.000
105
26.5
19
10
22.5
0.8
150
0.082
823
13.0
11
5
10
0.6
350
1.200
125
26.5
19
10
22.5
0.8
150
0.100
104
17.5
11
5
15
0.6
220
1.500
155
26.5
22
12
22.5
0.8
150
0.120
124
17.5
11
5
15
0.6
220
1.800
185
26.5
22
12
22.5
0.8
150
13.0
12
6
10
2.200
225
32.0
22
13
27.5
0.8
100
17.5
11
5
15
2.700
275
32.0
25
15
27.5
0.8
100
0.180
184
17.5
11
5
15
0.6
220
3.300
335
32.0
28
14
27.5
0.8
100
0.220
224
17.5
12
6
15
0.6
220
3.900
395
32.0
28
14
27.5
0.8
100
0.270
274
17.5
12
6
15
0.6
220
4.700
475
32.0
33
18
27.5
0.8
100
0.330
334
17.5
14
8
15
0.6
220
5.600
565
32.0
33
18
27.5
0.8
100
0.390
394
17.5
14
8
15
0.6
220
6.800
685
32.0
33
18
27.5
0.8
100
0.470
474
17.5
15
9
15
0.8
220
0.560
564
17.5
16
10
15
0.8
220
R.V.
520Vdc (2Y)
R.V.
520Vdc (2Y)
0.150
154
220
0.6
(µF)
Code
W
H
T
P
d?
dV/dt
(µF)
Code
W
H
T
P
d?
dV/dt
0.068
683
13.0
9
4
10
0.6
300
0.820
824
17.5
16
10
15
0.8
200
0.082
823
13.0
9
4
10
0.6
300
1.000
105
26.5
17
9
22.5
0.8
100
0.100
104
17.5
10
5
15
0.6
200
1.200
125
26.5
19
10
22.5
0.8
100
0.120
124
17.5
11
5
15
0.6
200
1.500
155
26.5
19
10
22.5
0.8
100
0.150
154
17.5
11
5
15
0.6
200
1.800
185
26.5
22
12
22.5
0.8
100
0.180
184
17.5
11
5
15
0.6
200
2.200
225
32.0
20
11
27.5
0.8
80
13.0
13
6
10
0.6
220
2.700
275
32.0
22
13
27.5
0.8
80
17.5
11
5
15
0.6
200
3.300
335
32.0
22
13
27.5
0.8
80
0.270
274
17.5
12
6
15
0.6
200
3.900
395
32.0
25
15
27.5
0.8
80
0.330
334
17.5
12
6
15
0.6
200
4.700
475
32.0
33
18
27.5
0.8
80
0.390
394
17.5
14
8
15
0.6
200
5.600
565
32.0
33
18
27.5
0.8
80
0.470
474
17.5
14
8
15
0.6
200
6.800
685
32.0
33
18
27.5
0.8
80
0.560
564
17.5
14
8
15
0.6
200
8.200
825
32.0
33
18
27.5
0.8
80
0.680
684
17.5
16
10
15
0.8
200
R.V.
450Vdc (2W)
R.V.
450Vdc (2W)
0.220
224
C3DC10
2021.11.24



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com