Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBPN Datasheet(PDF) 3 Page - RFE international

Part # MBPN
Description  METALIZED POLYPROPYLENE FILM CAPACITORS MBPN Series: Power Factor Correction, Box Type
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

MBPN Datasheet(HTML) 3 Page - RFE international

  MBPN Datasheet HTML 1Page - RFE international MBPN Datasheet HTML 2Page - RFE international MBPN Datasheet HTML 3Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
CURRENT ARMS VS. FREQUENCY (450V, 520V, 630V)
Page 3 of 3
RFE International • Tel:(949) 833-1988 • Fax:(949) 833-1788 • E-Mail Sales@rfeinc.com
METALIZED POLYPROPYLENE FILM CAPACITORS
MBPN Series: Power Factor Correction, Box Type
RoHS
MAX. DC & AC VOLTAGE VS TEMPERATURE
1. Name or Symbol
2. Nominal Capacitance in µF
3. Capacitance Tolerance
4. DC, Rating, Voltage
5. Type Name
6. Date Code
MARKING
Year: 11
2011, 12
2012, 13
2013
→
→
→
Week On: 01~53
1
.2
0.8
1.0
0.6
0.2
0
40
50
60
70
80 85
90
95 100 105 110
0.4
Temp. (°C)
LEAD LENGTH FROM SEATING PLANE
mm
5
10
15
20
25
Code 050 100 150 200 250
TAPE CODE (Lead spacing of tape, if taped)
Spacing 10mm 15mm
Packing
A
A
Code
RT3
RT4
PACKAGING CODE
Method Bulk Ammo Reel
Code
B
A
R
6
3
2
1
5
4
RFE1 0 4 J 1 0 1 3
45 0 M B P N
C3DC10
2021.11.24



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com