Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEB Datasheet(PDF) 4 Page - RFE international

Part # MEB
Description  Metalized Polyester Film Capacitors MEB: General Purpose, Box Type
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

MEB Datasheet(HTML) 4 Page - RFE international

  MEB Datasheet HTML 1Page - RFE international MEB Datasheet HTML 2Page - RFE international MEB Datasheet HTML 3Page - RFE international MEB Datasheet HTML 4Page - RFE international MEB Datasheet HTML 5Page - RFE international MEB Datasheet HTML 6Page - RFE international MEB Datasheet HTML 7Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
1. Scope
2. Product Name
1. Element:
Metallized Polyester Film
2. Metal Spray:
Special Solder (Lead Free)
3. Lead wire:
Tinned wire (Cu wire) or Tinned copper clad steel (CP wire) Lead Free
4. Inner coa ng:
Epoxy Resin
5. Outer coa ng:
(UL-94V-0
Ambient Temperature:
Rela ve Humidity:
Air Pressure:
Ambient Temperature:
Rela ve Humidity:
Opera ng Temperature Range
Rated Temperature Range
Rated Voltage (Vg):
Category Voltage (Vc):
105 C
Vc = Vg
Rated upper limit temperature:
Usable upper limit temperature:
Capacitance Range:
Capacitance Tolerances:
Dissipa on Factor: (DF%)
Materials:
15 to 35 C
45 to 85%
86 to 106 kpa
20 C to 5 C
60 to 70%
-40 to +125 C
-40 to +125 C
4. Characteris cs
105 C
125 C
0.01 F to 10 F
(Measured at 1KHz, 1V) ±5% ( J ), ±10% ( K ), ±20% ( M ),
1.0% (max.) at 1 KHz.
1.5% (max.) at 10 KHz.
For temperatures over 105 C, a decreasing factor of 1.25% per degree celcius C on the nominal voltage Vg has to be applied.
50/63 Vdc, 100 Vdc, 250 Vdc, 400 Vdc, 630 Vdc
LCR METER : HP -4284A, at 20 C ±5 C
ELECTRICAL CHARACTERISTICS
TYPE: MEB
Product Speci ca ons
This speci ca on applies to directly lim capacitors of the following type: Metallized polyester
dielectric xed capacitor
Dimensions: Refer to Dimensions Drawing
3. Construc on (Dimensions and
Materials)
Miniature Metallized Polyester Film Capacitor
CHARACTERISTICS
Standard Atmospheric Condi ons
Unless otherwise speci ed, the standard range of atmospheric condi ons for making measurements and tests is as follows:
If there may be any doubt on the results, measurements shall be made w hin the following limits:
Rated Temperature Range is the range of ambient temperature for which the capacitor can be operated con nuously at rated voltage.
Metalized Polyester Film Capacitors
MEB: General Purpose, Box Type
)
Plastic case
2-OCT-2023
Page 4 of 7
RFE International • Tel (949) 833-1988 • Fax (949) 833-1788 • E-mail sales@rfeinc.com
1
2
5
4
3



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com