Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEB Datasheet(PDF) 7 Page - RFE international

Part # MEB
Description  Metalized Polyester Film Capacitors MEB: General Purpose, Box Type
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

MEB Datasheet(HTML) 7 Page - RFE international

  MEB Datasheet HTML 1Page - RFE international MEB Datasheet HTML 2Page - RFE international MEB Datasheet HTML 3Page - RFE international MEB Datasheet HTML 4Page - RFE international MEB Datasheet HTML 5Page - RFE international MEB Datasheet HTML 6Page - RFE international MEB Datasheet HTML 7Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Metalized Polyester Film Capacitors
MEB: General Purpose, Box Type
Temperature:
5 C ~ 35 C
Rela ve Humidity:
70%
Storage Period:
12 months
It should be noted that the solderability of the terminals may be deteriorated when stored barely in an atmosphere for long periods.
It should not be located in par cularly high temperature and high humidity, it must submit to the following condi ons (Keeping in the
original package)
Capacitors shall avoid the condi ons of being we ed by water, oil, salt water and/or poisonous gases.
If using a capacitor past its storage me, its characteris cs should be tested or contact our technical engineer.
STORAGE CONDITIONS
(following the manufacturing date marked on the label in package bag)
2-OCT-2023
Page 7 of 7
RFE International • Tel (949) 833-1988 • Fax (949) 833-1788 • E-mail sales@rfeinc.com



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com